Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 72 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 72 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 68Page - Cypress Semiconductor MB9B360R Datasheet HTML 69Page - Cypress Semiconductor MB9B360R Datasheet HTML 70Page - Cypress Semiconductor MB9B360R Datasheet HTML 71Page - Cypress Semiconductor MB9B360R Datasheet HTML 72Page - Cypress Semiconductor MB9B360R Datasheet HTML 73Page - Cypress Semiconductor MB9B360R Datasheet HTML 74Page - Cypress Semiconductor MB9B360R Datasheet HTML 75Page - Cypress Semiconductor MB9B360R Datasheet HTML 76Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 72 of 166
MB9B360R Series
Parameter
Symbol
Pin
name
Conditions
Frequency
*
4
(MHz)
Value
Unit
Remarks
Typ
*
1
Max
*
2
Power supply
current
ICC
VCC
Normal
operation*
5
(PLL)
72MHz
46
98
mA
*3
When all
peripheral clocks
are ON
60MHz
40
92
48MHz
33
85
36MHz
27
78
24MHz
19
70
12MHz
11
61
8MHz
8.5
58
4MHz
5.5
55
72MHz
33
85
mA
*3
When all
peripheral clocks
are OFF
60MHz
29
81
48MHz
25
76
36MHz
20
71
24MHz
15
65
12MHz
9.2
59
8MHz
6.9
56
4MHz
4.6
54
*1: Ta=+25°C, VCC=3.3V
*2: Tj=+125°C, VCC=5.5V
*3: When all ports are fixed.
*4: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK
*5: When 0 wait-cycle mode (FRWTR.RWT = 00, FSYNDN.SD = 00)
Parameter
Symbol
Pin
name
Conditions
Frequency
*
4
Value
Unit
Remarks
Typ
*
1
Max
*
2
Power supply
current
ICC
VCC
Normal
operation*
5
(built-in
high-speed CR)
4MHz
3.3
51
mA
*3
When all
peripheral clocks
are ON
2.8
51
mA
*3
When all
peripheral clocks
are OFF
Normal
operation*
5
(sub oscillation)
32kHz
0.64
48
mA
*3
When all
peripheral clocks
are ON
0.56
48
mA
*3
When all
peripheral clocks
are OFF
Normal
operation*
5
(built-in
low-speed CR)
100kHz
0.64
48
mA
*3
When all
peripheral clocks
are ON
0.58
48
mA
*3
When all
peripheral clocks
are OFF
*1: Ta=+25°C, VCC=3.3V
*2: Tj=+125°C, VCC=5.5V
*3: When all ports are fixed.
*4: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK/2
*5: When 0 wait-cycle mode (FRWTR.RWT = 00, FSYNDN.SD = 000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com