Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB9B360R Datasheet HTML 1Page - Cypress Semiconductor MB9B360R Datasheet HTML 2Page - Cypress Semiconductor MB9B360R Datasheet HTML 3Page - Cypress Semiconductor MB9B360R Datasheet HTML 4Page - Cypress Semiconductor MB9B360R Datasheet HTML 5Page - Cypress Semiconductor MB9B360R Datasheet HTML 6Page - Cypress Semiconductor MB9B360R Datasheet HTML 7Page - Cypress Semiconductor MB9B360R Datasheet HTML 8Page - Cypress Semiconductor MB9B360R Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 3 of 166
MB9B360R Series
Base Timer (Max 8 channels)
Operation mode is selectable from the followings for each
channel.
16-bit PWM timer
16-bit PPG timer
16/32-bit reload timer
16/32-bit PWC timer
General Purpose I/O Port
This series can use its pins as general purpose I/O ports when
they are not used for external bus or peripherals. Moreover, the
port relocate function is built in. It can set which I/O port the
peripheral function can be allocated.
Capable of pull-up control per pin
Capable of reading pin level directly
Built-in the port relocate function
Up to 100 high-speed general-purpose I/O ports @ 120pin
Package
Some pin is 5V tolerant I/O.
See “Pin Description” and “I/O Circuit Type” for the
corresponding pins.
Multi-function Timer (Max 2 units)
The Multi-function timer is composed of the following blocks.
Minimum resolution : 6.25 ns
16-bit free-run timer × 3ch./unit
Input capture × 4ch./unit
Output compare × 6ch./unit
A/D activation compare × 6ch./unit
Waveform generator × 3ch./unit
16-bit PPG timer × 3ch./unit
The following function can be used to achieve the motor
control.
PWM signal output function
DC chopper waveform output function
Dead time function
Input capture function
A/D convertor activate function
DTIF (Motor emergency stop) interrupt function
Real-time clock (RTC)
The Real-time clock can count
Year/Month/Day/Hour/Minute/Second/A day of the week from
01 to 99.
Interrupt function with specifying date and time
(Year/Month/Day/Hour/Minute/Second/A day of the week.) is
available. This function is also available by specifying only
Year, Month, Day, Hour or Minute.
Timer interrupt function after set time or each set time.
Capable of rewriting the time with continuing the time count.
Leap year automatic count is available.
Quadrature Position/Revolution Counter (QPRC)
(Max 2 channels)
The Quadrature Position/Revolution Counter (QPRC) is used
to measure the position of the position encoder. Moreover, it is
possible to use up/down counter.
The detection edge of the three external event input pins AIN,
BIN and ZIN is configurable.
16-bit position counter
16-bit revolution counter
Two 16-bit compare registers
Dual Timer (32/16-bit Down Counter)
The Dual Timer consists of two programmable 32/16-bit down
counters.
Operation mode is selectable from the followings for each
channel.
Free-running
Periodic (=Reload)
One-shot
Watch Counter
The Watch counter is used for wake up from the low-power
consumption mode. It is possible to select the main clock, sub
clock, built-in high-speed CR clock or built-in low-speed CR
clock as the clock source.
Interval timer: up to 64s (Max) @ Sub Clock : 32.768 kHz
External Interrupt Controller Unit
External interrupt input pin: Max 16 pins
Include one non-maskable interrupt (NMI)
Watchdog Timer (2 channels)
A watchdog timer can generate interrupts or a reset when a
time-out value is reached.
This series consists of two different watchdogs, a "Hardware"
watchdog and a "Software" watchdog.
"Hardware" watchdog timer is clocked by low-speed internal
CR oscillator. Therefore, "Hardware" watchdog is active in any
power saving mode except STOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com