Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 52Page - Cypress Semiconductor MB9B360R Datasheet HTML 53Page - Cypress Semiconductor MB9B360R Datasheet HTML 54Page - Cypress Semiconductor MB9B360R Datasheet HTML 55Page - Cypress Semiconductor MB9B360R Datasheet HTML 56Page - Cypress Semiconductor MB9B360R Datasheet HTML 57Page - Cypress Semiconductor MB9B360R Datasheet HTML 58Page - Cypress Semiconductor MB9B360R Datasheet HTML 59Page - Cypress Semiconductor MB9B360R Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 56 of 166
MB9B360R Series
8. Block Diagram
Cortex-M4 Core
@160 MHz(Max)
MainFlash I/F
Clock Reset
Generator
Dual-Timer
Watchdog Timer
(Hardware)
DMAC
8ch.
Watch Counter
Unit 0
CSV
External Interrupt
Controller
16pin + NMI
Power-On
Reset
SRAM0
32/48/64 Kbytes
SRAM1
16/24/32 Kbytes
I
D
Sys
CLK
MB9BF366M/N/R, F367M/N/R, F368M/N/R
NVIC
Watchdog Timer
(Software)
Security
Unit 1
TRSTX,TCK,
TDI,TMS
TRACEDx,
TRACECLK
X0
AVCC,
AVSS,
AVRH
ANxx
TIOAx
TIOBx
C
TDO
X1
X0A
X1A
SCKx
SINx
SOTx
INTx
NMIX
P0x,
P1x,
.
.
.
PEx
INITX
MODE-Ctrl
IRQ-Monitor
MD0,
MD1
Regulator
CRC Accelerator
ADTGx
RTS4
CTS4
MADx
MADATAx
MainFlash
1 Mbytes/
768 Kbytes/
512 Kbytes
Multi-function Serial I/F
8ch.
HW flow control(ch.4)
External Bus I/F
GPIO
PIN-Function-Ctrl
LVD
TPIU*
ROM
Table
ETM*
SWJ-DP
Main
Osc
PLL
CR
100 kHz
LVD Ctrl
Base Timer
16-bit 16ch./
32-bit 8ch.
Peripheral Clock Gating
Low-speed CR Prescaler
RTCCO,
SUBOUT
Deep Standby Ctrl
WKUPx
16-bit Free-run Timer
3ch.
16-bit Output Compare
6ch.
16-bit Input Capture
4ch.
A/D Activation Compare
6ch.
16-bit PPG
3ch.
DTTI0X
FRCK0
QPRC
2ch.
BINx
ZINx
IC0x
RTO0x
AINx
12-bit A/D Converter
Multi-function Timer × 2
MCSXx,MDQMx,
MOEX,MWEX,
MALE,MRDY,
MNALE,MNCLE,
MNWEX,MNREX,
MCLKOUT,MSDWEX,
MSDCLK,MSDCKE,
MRASX,MCASX
Waveform Generator
3ch.
MPU
FPU
12-bit D/A Converter
2units
SRAM2
16/24/32 Kbytes
WorkFlash
32 Kbytes
WorkFlash I/F
Trace Buffer
(16 Kbytes)
DSTC
USB2.0
(Host/
Func)
PHY
USBVCC
UDP0,UDM0
UHCONX0
SD-CARD I/F
S_CLK,S_CMD
S_DATAx
S_CD,S_WP
USB Clock Ctrl
PLL
VREGCTL
VWAKEUP
Unit 2
DAx
Real-Time Clock
Port Ctrl.
Sub
Osc
VBAT Domain
VBAT Domain
CR
4 MHz
CROUT
Source Clock
*: For the MB9BF366M, MB9BF367M and MB9BF368M, ETM is not available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com