Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB9B360R Datasheet(PDF) 42 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 42 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 38Page - Cypress Semiconductor MB9B360R Datasheet HTML 39Page - Cypress Semiconductor MB9B360R Datasheet HTML 40Page - Cypress Semiconductor MB9B360R Datasheet HTML 41Page - Cypress Semiconductor MB9B360R Datasheet HTML 42Page - Cypress Semiconductor MB9B360R Datasheet HTML 43Page - Cypress Semiconductor MB9B360R Datasheet HTML 44Page - Cypress Semiconductor MB9B360R Datasheet HTML 45Page - Cypress Semiconductor MB9B360R Datasheet HTML 46Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 42 of 166
MB9B360R Series
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
GND
VSS
GND Pin
107
92
-
70
A5
A7
30
25
20
3
N1
N1
45
40
30
18
N10
N9
60
50
40
28
N13
N13
90
75
60
53
A13
A13
120
100
80
78
A1
A1
-
-
-
-
A7
A5
-
-
-
-
B2
A8
-
-
-
-
B12
A10
-
-
-
-
C11
B2
-
-
-
-
H1
B11
-
-
-
-
N4
B12
-
-
-
-
M5
C3
-
-
-
-
N7
C11
-
-
-
-
L11
C13
-
-
-
-
A11
D4
-
-
-
-
M12
D10
-
-
-
-
M2
K1
-
-
-
-
-
K4
-
-
-
-
-
K10
-
-
-
-
-
L3
-
-
-
-
-
L5
-
-
-
-
-
L11
-
-
-
-
-
L13
-
-
-
-
-
M2
GND
VSS
GND Pin
-
-
-
-
-
M4
-
-
-
-
-
M6
-
-
-
-
-
M7
-
-
-
-
-
M12
-
-
-
-
-
N6
CLOCK
X0
Main clock (oscillation) input pin
58
48
38
26
N11
N11
X1
Main clock (oscillation) I/O pin
59
49
39
27
N12
N12
X0A
Sub clock (oscillation) input pin
39
34
24
12
N5
N5
X1A
Sub clock (oscillation) I/O pin
40
35
25
13
N6
M5
CROUT_0
Built-in high-speed CR-osc clock output port
87
72
58
50
D12
D12
CROUT_1
113
93
73
71
C5
B5
ADC
POWER
AVCC
A/D converter and D/A converter
analog power supply pin
70
60
49
38
H13
K13
AVRL
A/D converter analog reference voltage input pin
72
62
51
40
F13
H13
AVRH
A/D converter analog reference voltage input pin
73
63
52
41
E13
G13
VBAT
POWER
VBAT
VBAT power supply pin.
Backup power supply (battery etc.) and system
power supply.
43
38
28
16
N8
N7
ADC
GND
AVSS
A/D converter and D/A converter
GND pin
71
61
50
39
G13
J13
C pin
C
Power supply stabilization capacity pin
44
39
29
17
N9
N8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com