Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 97Page - National Semiconductor (TI) DP83266 Datasheet HTML 98Page - National Semiconductor (TI) DP83266 Datasheet HTML 99Page - National Semiconductor (TI) DP83266 Datasheet HTML 100Page - National Semiconductor (TI) DP83266 Datasheet HTML 101Page - National Semiconductor (TI) DP83266 Datasheet HTML 102Page - National Semiconductor (TI) DP83266 Datasheet HTML 103Page - National Semiconductor (TI) DP83266 Datasheet HTML 104Page - National Semiconductor (TI) DP83266 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 152 page
background image
70 Control Information (Continued)
Limit Data Register (LDR)
The Limit Data Register (LDR) is used to hold the 8 least-significant Limit RAM data bits transferred in an LMOP service function
(The most-significant data bit is in the Limit Address Register)
This register is not altered upon reset
Access Rules
Address
Read
Write
10Dh
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
LRD7
LRD6
LRD5
LRD4
LRD3
LRD2
LRD1
LRD0
Bit
Symbol
Description
D7–D0
LRD7–0
Limit RAM Data Bit 7 – 0
This bit contains the least-significant data bit read or written from or to a Limit
RAM Register in an LMOP service function Bit LDR7 is a ‘‘don’t care’’ when using small (1 kByte)
queues
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com