Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 99Page - National Semiconductor (TI) DP83266 Datasheet HTML 100Page - National Semiconductor (TI) DP83266 Datasheet HTML 101Page - National Semiconductor (TI) DP83266 Datasheet HTML 102Page - National Semiconductor (TI) DP83266 Datasheet HTML 103Page - National Semiconductor (TI) DP83266 Datasheet HTML 104Page - National Semiconductor (TI) DP83266 Datasheet HTML 105Page - National Semiconductor (TI) DP83266 Datasheet HTML 106Page - National Semiconductor (TI) DP83266 Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 152 page
background image
70 Control Information (Continued)
Bit
Symbol
Description
D5
EXCR0
Exception on RCHN0
This bit is set by the MACSI device when an exception occurs on RCHN0 An
exception condition consists of one of the following events ABus Error Consistency Failure (REQ or ODUD)
BMAC MAC Reset Timeout (TRT expires) BMAC abort (MAC frame received or FCRequest Class
inconsistency) RINGOP change host abort (via SAR register) FIFO underrun or confirmation exception (for
full Confirmation) No action is taken by the MACSI device if the host sets this bit
This bit indicates that a request on RCHN0 did not complete normally This implies that an exception event
occurred or that the Request is improperly formed The corresponding Confirmation (CNF) Descriptor will give
more status about the failure The additional information in the CNF descriptor should be used to make a
decision about the severity of the error If the exception was caused by an ABus error the RQSTOP will also
be set
D6
RCMR0
Request Complete on RCHN0
Is set by the MACSI device when it has completed processing a Request
object on RCHN0 This completion may be a normal completion where a request object was transmitted
without error It may also be an abnormal completion due to one of the exception conditions listed above in
EXCR0 This bit (together with the Breakpoint bit BRKR0) indicates that there are CNF descriptors to be
processed No action is taken if the Host sets this bit
D7
USRR0
Unserviceable Request on RCHN0
This bit is set by the MACSI device when a Request cannot be
processed on RCHN0 This occurs when the Request Class is inappropriate for the current ring state (eg
Asynchronous transmission while RINGOP e 0) or when there is no CNF status space or when the host
aborts a request by clearing the ABR bit in the Service Attention Register While this bit is set no requests will
be processed on RCHN0
The host must clear this bit to resume request processing If the USRR0 was set due to lack of CNF space this
condition must be corrected by giving the MACSI device more CNF space before restarting the channel If it
was due to a request classRINGOP incompatibility then the reason for the incompatibility must be resolved
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com