Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 111Page - National Semiconductor (TI) DP83266 Datasheet HTML 112Page - National Semiconductor (TI) DP83266 Datasheet HTML 113Page - National Semiconductor (TI) DP83266 Datasheet HTML 114Page - National Semiconductor (TI) DP83266 Datasheet HTML 115Page - National Semiconductor (TI) DP83266 Datasheet HTML 116Page - National Semiconductor (TI) DP83266 Datasheet HTML 117Page - National Semiconductor (TI) DP83266 Datasheet HTML 118Page - National Semiconductor (TI) DP83266 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 152 page
background image
70 Control Information (Continued)
Request Channel 0 and 1 Configuration Registers 1 (R0CR1 and R1CR1)
The two Request Configuration Registers 1 (R0CR1 and R1CR1) are programmed with additional operational parameters for
each of the Request Channels Other Request Channel parameters are configured in Request Configuration Registers 0 These
registers may only be altered between Requests ie while the particular Request Channel does not have a Request loaded
All bits in these registers are set to Zero upon reset
Access Rules
Address
Read
Write
11B–11Ch
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
EFT
RES
RES
RES
RES
RES
RES
ETR
Bit
Symbol
Description
D0
ETR
Early Token Request
When this bit is set the MACSI device attempts to capture a token as soon as a
valid Request Descriptor (REQ) is fetched for this channel This allows the user to maintain tight control
over the Token access timing by pacing REQ availability This is useful for certain models of Synchronous
traffic use If this bit is reset the MACSI device will not capture a Token until enough data for this request
has been fetched to reach the Transmit Data FIFO threshold or the end-of-frame is fetched into the FIFO
This bit should normally be reset because this will save ring bandwidth
D6 – D1
RES
Reserved
D7
EFT
Extended FIFO Threshold
This bit is used to extend the number of FIFO thresholds available with the
TT 10 bits in R0CR0 and R1CR0 See ‘‘Request Channel 0 and 1 Configuration Registers 0 (R0CR0 and
R1CR0)’’ The table below shows the thresholds available The MACSI device Transmit Data FIFO is large
enough to hold an entire maximum length FDDI frame The ‘‘End of Frame’’ threshold is used to tell the
MACSI device not to start transmitting until the entire frame has been staged in the FIFO
EFT
TT 1
TT 0
Threshold
0
0
0
8 words
0
0
1
16 words
0
1
0
128 words
0
1
1
256 words
1
0
0
512 words
1
0
1
Reserved
1
1
0
Reserved
1
1
1
End of Frame
115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com