Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 112Page - National Semiconductor (TI) DP83266 Datasheet HTML 113Page - National Semiconductor (TI) DP83266 Datasheet HTML 114Page - National Semiconductor (TI) DP83266 Datasheet HTML 115Page - National Semiconductor (TI) DP83266 Datasheet HTML 116Page - National Semiconductor (TI) DP83266 Datasheet HTML 117Page - National Semiconductor (TI) DP83266 Datasheet HTML 118Page - National Semiconductor (TI) DP83266 Datasheet HTML 119Page - National Semiconductor (TI) DP83266 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 152 page
background image
70 Control Information (Continued)
System Interface Compare Register (SICMP)
The System Interface Compare Register (SICMP) is used in comparison with a write access of a conditional write register The
System Interface Compare Register is loaded on a read of any of the system interface conditional event Attention Registers or
by directly writing to it
This register is not altered upon reset
Access Rules
Address
Read
Write
11Fh
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
CMP7
CMP6
CMP5
CMP4
CMP3
CMP2
CMP1
CMP0
Bit
Symbol
Description
D7 – D0
CMP7 – CMP0
Compare
These bits are compared to bits D7 – D0 of the accessed System Interface register Only
the bits in the System Interface Attention Register that have the same current value as the
corresponding bit in the Compare register will be updated with the new value
78 POINTER RAM REGISTERS
Pointer RAM Registers contain pointers to all data and De-
scriptors manipulated by the MACSI device namely Input
and Output Data Units Input and Output Data Unit Descrip-
tors Request Descriptors Confirmation Messages and
Pool Space Descriptors Pointer RAM Registers are shown
in
Figure 7-3
79 LIMIT RAM REGISTERS
The Limit RAM Registers are used by both the Indicate and
Request machines Limit RAM Registers contain data val-
ues that define how far the MACSI device may advance in
each of its ten queues The Limit RAM Registers do not
define the wrap point for each queue which is fixed at either
1 kByte or 4 kBytes Limit RAM Registers are shown in
Fig-
ure 7-4
710 DESCRIPTORS
Descriptors are used to observe and control the operation
of the MACSI device They contain address status and
control information about Indicate and Request operations
Descriptors are stored in lists and wrap-around queues in
memory external to the MACSI device and accessed by the
MACSI device via the ABus Descriptors include the follow-
ing Input Data Unit Descriptors (IDUDs) specify the loca-
tion size part and status information for Input Data Units
Output Data Unit Descriptors (ODUDs) specify the location
and size of Output Data Units For multi-ODUD frames they
also specify which part of the frame is pointed to by the
ODUD Pool Space Descriptors (PSPs) describe the loca-
tion and size of a region of memory space available for writ-
ing Indicate data Request Descriptors (REQs) describe the
location of a stream of Output Data Unit Descriptors and
contain operational parameters Confirmation Status Mes-
sages (CNFs) describe the result of a Request operation
711 OPERATING RULES
Multi-Byte Register Ordering
When referring to multi-byte fields byte 0 is always the most
significant byte When referring to bits within a byte bit 7 is
the most significant bit and bit 0 is the least significant bit
When referring to the contents of a byte the most signifi-
cant bit is always referred to first
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com