Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 131 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 131 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 127Page - National Semiconductor (TI) DP83266 Datasheet HTML 128Page - National Semiconductor (TI) DP83266 Datasheet HTML 129Page - National Semiconductor (TI) DP83266 Datasheet HTML 130Page - National Semiconductor (TI) DP83266 Datasheet HTML 131Page - National Semiconductor (TI) DP83266 Datasheet HTML 132Page - National Semiconductor (TI) DP83266 Datasheet HTML 133Page - National Semiconductor (TI) DP83266 Datasheet HTML 134Page - National Semiconductor (TI) DP83266 Datasheet HTML 135Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 152 page
background image
80 Signal Descriptions
The DP83266 MACSI device is packaged in a 160-pin Plastic Quad Flat Pack The signals are divided into the following
interfaces
Control Interface
Used for microprocessor access to the Ring Engine and Service Engine
PHY Interface
Interface signals to the DP8325155 PLAYER or DP8325657 PLAYERa
External Matching
Interface
Interface signals used for external address matching
LED Interface
Used to control status LEDs
ABus Interface
Multiplexed AddressData System Interface
Electrical Interface
Signals associated with power supply and clocking
81 CONTROL INTERFACE
The Control Interface operates asynchronously to the operation of the data services During an access the external Control Bus
is synchronized with the internal Control Bus
The ACK and INT signals are open drain signals to allow a wired-OR connection of several such signals
Symbol
Pin
IO
Description
CBP
155
IO
Control Bus Parity
Odd parity on CBD7 – 0
CBD7 – 0
154 – 147
IO
Control Bus Data
Bidirectional Data bus
CBA8 – 0
144 – 136
I
Control Bus Address
Address of a particular MACSI device register
CE
130
I
Control Bus Enable
Handshake signal used to begin a Control Interface access Active low
signal
RW
129
I
ReadWrite
Determines current direction of a Control Interface access
ACK
133
OD
Acknowledge
Acknowledges that the Control Interface access has been performed Active
low open drain signal
INT1 – 0
131 132
OD
Interrupt
Indicates presence of one or more enabled conditions in the Event Registers One
Interrupt signal is provided as an indication to management services and one is provided as an
indication to data services These can be tied together externally to create a single interrupt
signal if desired Active low open drain signal
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com