Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 127 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 127 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 123Page - National Semiconductor (TI) DP83266 Datasheet HTML 124Page - National Semiconductor (TI) DP83266 Datasheet HTML 125Page - National Semiconductor (TI) DP83266 Datasheet HTML 126Page - National Semiconductor (TI) DP83266 Datasheet HTML 127Page - National Semiconductor (TI) DP83266 Datasheet HTML 128Page - National Semiconductor (TI) DP83266 Datasheet HTML 129Page - National Semiconductor (TI) DP83266 Datasheet HTML 130Page - National Semiconductor (TI) DP83266 Datasheet HTML 131Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 152 page
background image
70 Control Information (Continued)
Bit
Symbol
Description
Word 0
(Continued)
D27 – D24
FRA
Frame Attributes
This field is valid only for Full Confirmation
D25 – D24
TC
Termination Condition
00
Other (eg MAC Resettoken)
01
ED
10
Format error
11
Frame stripped
D26
AFLAG
AFLAG
Reflects the state of the AFLAG input signal which is sampled by the MACSI device at
INFORCVD
0
No DA Match
1
DA Match
D27
MFLAG
MFLAG
Reflects the state of the MFLAG input signal which is sampled by the MACSI device at
INFORCVD
0
Frame Sent by another station
1
Frame Sent by this station
D31 – D28
RS
Request Status
This field represents a priority encoded status value with the highest number
having the highest priority This field is described in
Figure 7-8
RS3
RS2
RS1
RS0
Meaning
D31
D30
D29
D28
Intermediate
0000
None
0001
Preempted
0010
Part Done
Breakpoints
0011
Service Loss
0100
Reserved
Completion
0101
Completed Beacon
0110
Completed OK
Exception Completion
0111
Bad Confirmation
1000
Underrun
1001
Host Abort
1010
Bad Ringop
1011
MAC Abort
1100
Timeout
1101
MAC Reset
1110
Consistency Failure
Error
1111
Internal or Fatal ABus Error
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com