Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 124 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 124 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 120Page - National Semiconductor (TI) DP83266 Datasheet HTML 121Page - National Semiconductor (TI) DP83266 Datasheet HTML 122Page - National Semiconductor (TI) DP83266 Datasheet HTML 123Page - National Semiconductor (TI) DP83266 Datasheet HTML 124Page - National Semiconductor (TI) DP83266 Datasheet HTML 125Page - National Semiconductor (TI) DP83266 Datasheet HTML 126Page - National Semiconductor (TI) DP83266 Datasheet HTML 127Page - National Semiconductor (TI) DP83266 Datasheet HTML 128Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 152 page
background image
70 Control Information (Continued)
RQCLS
RQCLS
Class
THT
Token
Token
Notes
Value
Name
Type
Capture
Issue
0000
None
None
none
none
0001
Apr1
Async pri1
E
non-r
non-r
0010
Reserved
Reserved
0011
Reserved
Reserved
0100
Syn
Sync
D
any
capt
1
0101
Imm
Immed
D
none
none
4
0110
ImmN
Immed
D
none
non-r
4
0111
ImmR
Immed
D
none
restr
4
1000
Asyn
Async
E
non-r
non-r
1001
Rbeg
Restricted
E
non-r
restr
2 3
1010
Rend
Restricted
E
restr
non-r
2
1011
Rcnt
Restricted
E
restr
restr
2
1100
AsynD
Async
D
non-r
non-r
1101
RbegD
Restricted
D
non-r
restr
2 3
1110
RendD
Restricted
D
restr
non-r
2
1111
RcntD
Restricted
D
restr
restr
2
E e enabled D e disabled non-r e non-restricted restr e restricted capt e captured
Note 1
Synchronous Requests are not serviced when bit BCNR of the Ring Event Latch Register is set
Note 2
Restricted Requests are not serviced when bit BCNR CLMR or OTRMAC of the Ring Event Latch Register is set
Note 3
Restricted Dialogues only begin when a Non-Restricted token has been received and transmitted
Note 4
Immediate Requests are serviced when the ring is Non-Operational These requests are serviced from the Data state unless the Request contains a
Beacon or Claim FC If a Claim FC is used Immediate Requests are serviced from the Claim State If a Beacon FC is used Immediate Request are serviced from
the Beacon State
FIGURE 7-6 REQ Descriptor Request Class Encoding
R
F
I
E
Confirmation Class
x
0
0
0
Invalid (consistency failure)
x
x
1
0
Invalid (consistency failure)
0
1
0
0
None Confirmation only on exception
0
0
0
1
Trend Transmitter confirm CNF on exception or completion
0
0
1
1
Tint Transmitter confirm CNF on exception completion or intermediate
0
1
0
1
Fend Full Confirm CNF on exception or completion
0
1
1
1
Fint Full Confirm CNF on exception completion or intermediate
1
1
0
0
NoneR Confirmation only on exception repeat frame
1
0
0
1
TendR Transmitter confirm CNF on exception or completion repeat frame
1
0
1
1
TintR Transmitter confirm CNF on exception completion or intermediate repeat frame
1
1
0
1
FendR Full confirmation CNF on exception or completion repeat frame
1
1
1
1
FintR Full Confirmation CNF on exception completion or intermediate repeat frame
FIGURE 7-7 REQ Descriptor Confirmation Class Field Encodings
124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com