Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83266 Datasheet(PDF) 123 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266 Datasheet(HTML) 123 Page - National Semiconductor (TI)

Back Button DP83266 Datasheet HTML 119Page - National Semiconductor (TI) DP83266 Datasheet HTML 120Page - National Semiconductor (TI) DP83266 Datasheet HTML 121Page - National Semiconductor (TI) DP83266 Datasheet HTML 122Page - National Semiconductor (TI) DP83266 Datasheet HTML 123Page - National Semiconductor (TI) DP83266 Datasheet HTML 124Page - National Semiconductor (TI) DP83266 Datasheet HTML 125Page - National Semiconductor (TI) DP83266 Datasheet HTML 126Page - National Semiconductor (TI) DP83266 Datasheet HTML 127Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 152 page
background image
70 Control Information (Continued)
Bit
Symbol
Description
Word 0
(Continued)
D15 – D12
CNFCLS
Confirmation Class
(Continued)
D15
R
Repeat
Enables repeated transmission of the first frame of the request until the request is aborted
This may be used when sending Beacon or Claim frames
0
Fetch all frames of REQ
1
Repeat transmission of first frame of REQ
A Request may use Repeat on RCHN1 and have a Request loaded on RCHN0 but not vice-versa
Specifically when a Request with the Repeat option is loaded on RCHN0 RCHN1 must not have any
REQs active or visible to the MACSI device Thus REQs on RCHN1 may be queued externally but the
queue’s Limit Register must not be set at or after that point Requests with the Repeat option should
only be used on one Request Channel at a time and preferably on RCHN0
Note that the Repeat Option requires a REQFirst Descriptor The Repeat Option will not work on a
REQOnly Descriptor
D23 – D16
SIZE
Size
Count of number of frames represented by the ODUD stream pointed to by REQLOC field
Descriptors with a null frame count are permitted and are typically used to end a Request without
having to send data For example to end a restricted dialogue a REQLast with SIZE e 0 will cause
the Request Machine to command the Ring Engine to capture and release the specified classes of
token The response of the MACSI device to REQs with SIZE e 0 is as follows
1 REQFirst MACSI device latches the REQ Descriptor fields then fetches the next REQ
RQRCLS is asserted but RQRDY remains deasserted
2 REQMiddle MACSI device fetches the next REQ
3 REQOnly MACSI device requests the capture of the appropriate token When it is captured the
MACSI device asserts RQFINAL and ends the request
4 REQLast MACSI device captures the token asserts RQFINAL then marks the request
complete
D29 – D24
UID
User Identification
Contains the UID field from the current REQFirst or REQOnly
D31 – D30
RES
Reserved
Word 1
D27 – D0
LOC
Location
Bits 272 are the memory word address of the ODUD stream Bits 10 are expected to
be 00 and are not checked
D29 – D28
RES
Reserved
D31 – D30
F-L
FirstLast Tag
Identifies the REQ stream part ie Only First Middle or Last FL e 10 e First FL
e
00 e Middle FL e 01 e Last FL e 11-Only
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com