| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 interface description The TNETX3150/TNETX3150A functional interfaces are shown in Figure 1 and described in the following paragraphs. 10-/100-/200-Mbit/s MAC interfaces (ports 00–14) The 10-/100-/200-Mbit/s interface links the MAC interfaces to the FIFO and data-handling mechanisms of TNETX3150/TNETX3150A. The 10 Mbit/s ports (03–14) operate in serial mode only. When operating in 10-Mbit/s mode, the 10-/100-Mbit/s interfaces (00–02) operate in either nibble or serial mode; when operating in 100-Mbit/s mode, the 10-/100-Mbit/s interfaces operate in nibble mode only. In 200-Mbit/s mode, port 00 operates in byte mode only. data reception Figure 2 shows a simplified 10-/100-Mbit/s receiver block diagram. Buffer CRC Flag Generator RX Frame Shifter Buffer RX FIFO Link Bit Data Output 64 8 MUX 10-/100- Mbit/s Converter Flags Output to FIFO Rate Select Duplex Nibble to FIFO Control Control Signal Control 10 Mbit/s 100 Mbit/s 4 MXXRXD FIFO Control and Statistics Information Figure 2. 10-/100-Mbit/s Receive Block Diagram The data received from the external PHY forms 64-bit words. The data is synchronized to the internal clock of TNETX3150/TNETX3150A. After deserialization, a flag byte is assigned to the data word, identifying attributes for later data handling. The format of the flag-byte data is common for all ports. Once the 100-Mbit/s data has been deserialized, it is handled the same as the 10-Mbit/s data. giant (long) frames The TNETX3150/TNETX3150A can handle frames up to 1536 bytes to support IEEE Std 802.10. All frames longer than 1563 bytes are truncated by the TNETX3150/TNETX3150A. Frames greater than 1536 received in cut-through mode are passed. Frames greater than 1536 received in store-and-forward mode are discarded and not transmitted. The LONG option bit governs how the statics for long frames are recorded. The byte count for long frames with good cyclic redundancy checks (CRCs) are recorded in the RX + TX-frames 1024–1518 statistic, (which effectively becomes RX + TX-frames 1024–1531 when LONG is set). Long frames received with bad CRCs are recorded as jabbers. short frames All frames less than 64 bytes received into any port are filtered by the TNETX3150/TNETX3150A within the RX FIFOs. They do not appear on the DRAM bus. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |