Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 24 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 20Page - Texas Instruments TNETX3150 Datasheet HTML 21Page - Texas Instruments TNETX3150 Datasheet HTML 22Page - Texas Instruments TNETX3150 Datasheet HTML 23Page - Texas Instruments TNETX3150 Datasheet HTML 24Page - Texas Instruments TNETX3150 Datasheet HTML 25Page - Texas Instruments TNETX3150 Datasheet HTML 26Page - Texas Instruments TNETX3150 Datasheet HTML 27Page - Texas Instruments TNETX3150 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
24
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
uplink TX pretagging (continued)
Table 1. Source Port Number Codes
SOURCE
PORT NUMBER
PORT
0000
Reserved
0001
Port 01 (10/100 Mbit/s)
0010
Port 02 (10/100 Mbit/s)
0011
Port 03 (10 Mbit/s)
0100
Port 04 (10 Mbit/s)
0101
Port 05 (10 Mbit/s)
0110
Port 06 (10 Mbit/s)
0111
Port 07 (10 Mbit/s)
1000
Port 08 (10 Mbit/s)
1001
Port 09 (10 Mbit/s)
1010
Port 10 (10 Mbit/s)
1011
Port 11 (10 Mbit/s)
1100
Port 12 (10 Mbit/s)
1101
Port 13 (10 Mbit/s)
1110
Port 14 (10 Mbit/s)
1111
Reserved
Port 00, when operated at 100-Mbit/s (M00UPLINK = 1), provides a tag nibble one cycle before M00TXEN is
asserted. A preamble is provided on this port when operated at 100 Mbit/s. The nibble format is shown in
Table 1.
uplink RX pretagging
When port 00 (uplink) is operated in 200-Mbit/s mode, a pretag can be placed one cycle before MRXDV goes
high for the frame. This pretag is not operated on internally by the TNETX3150/TNETX3150A. The tag is passed
to the DRAM interface, where it appears on bits 31–28 of the forward pointer of the buffer transfer for the frame
received on the uplink. Tag data that is applied to M00RXD0–M00RXD3 is passed, and tag data that is applied
on M00RXD4–M00RXD7 is ignored. This allows an upstream device, connected to the uplink, to pass
information through the TNETX3150/TNETX3150A to the DRAM bus where an external lookup device can
operate on that information. It also enables two ThunderSWITCH devices, when cascaded, to pass
frame-source port information from the receiving TNETX3150/TNETX3150A to the cascaded external
address-lookup devices. See Figure 6.
The pretag is qualified with the channel number of the port that received the frame. Only pretags for frames
whose port number is 00 are valid. For frames that are not received on the uplink (port 00), the pretag is zero.
A pretag received on the uplink (port 00) is retained for the duration of the frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com