| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 80 Page - Texas Instruments |
|
80 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 80 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 glossary address duplications The number of address duplications between a securely assigned port address within the TNETX3150/TNETX3150A and a source address observed on this port. Occurrence of this causes the TNETX3150/TNETX3150A to suspend the port (see port status register description). address mismatches/address changes The sum of: 1. The number of mismatches seen on a port between a securely assigned port address and the source address observed on the port. Occurrence of this causes the TNETX3150/TNETX3150A to suspend the port (see port status register description). 2. The number of times the TNETX3150/TNETX3150A is required to assign or learn an address for a port. Port statistics memory region 0x780–0x7FF. broadcast RX frames The total number of good packets received that were directed to the broadcast address. This does not include multicast packets. broadcast TX frames The total number of packets transmitted that were directed to the broadcast address. This does not include multicast packets. See IEEE Std 802.3 Supplements, Layer Management (section 5) 5.2.2.1.1, number 6. carrier sense errors The number of times the carrier sense condition was lost or never asserted when attempting to transmit a frame on a particular interface. The count is incremented a maximum of once per transmission attempt, even if the carrier sense condition fluctuates during a transmission attempt. collisions port (03–14) The number of times the port’s transmitter was required to send a jam sequence The following counters are implemented in previously described counters. deferred TX frames A count of the frames for which the first transmission attempt on a particular interface was delayed because the medium was busy excessive collisions A count of frames for which transmission on a particular interface fails due to excessive collisions filtered RX frames The count of frames received but discarded due to lack of resources (TXQ full, destination disabled, or RX errors). The number of frames sent to the TNETX3150/TNETX3150A discard channel. good RX frames The total number of good packets (including unicast, broadcast packets and multicast packets) received good TX frames The total number of packets (including bad packets, broadcast packets, and multicast packets) transmitted successfully. See IEEE Std 802.3 Supplements, Layer Management (section 5) 5.2.2.1.1, number 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |