Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 74 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 70Page - Texas Instruments TNETX3150 Datasheet HTML 71Page - Texas Instruments TNETX3150 Datasheet HTML 72Page - Texas Instruments TNETX3150 Datasheet HTML 73Page - Texas Instruments TNETX3150 Datasheet HTML 74Page - Texas Instruments TNETX3150 Datasheet HTML 75Page - Texas Instruments TNETX3150 Datasheet HTML 76Page - Texas Instruments TNETX3150 Datasheet HTML 77Page - Texas Instruments TNETX3150 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
74
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SNMP
A CPU through an Ethernet MAC or suitable protocol translating device can be directly connected to one of the
TNETX3150/TNETX3150A ports for use with SNMP. See Figure 31.
SNMP Support
CPU
Memory
RCLK
TCLK
100-/10-Mbit/s
MAC
RXD0–RXD3
TXD0–TXD3
RXDV
RXER
TXEN
TXER
CSR
COL
M0xRCLK
M0xTXD0–M0xTXD3
M0xRXD0–M0xRXD3
M0xTXEN
M0xTXER
M0xRXDV
M0xRXER
CSR
COL
M0xSPEED
M0xDUPLEX
MIB Counters
DIO Interface
100-/10-Mbit/s
MAC
OSC
SNMP Agent MAC
MODE
OSC
SPEED
DUPLEX
100 Mbit/s
10 Mbit/s
25 MHz
2.5 MHz
1
0
Dependent on external MAC
Dependent on external MAC
M0xTCLK
TNETX3150/TNETX3150A
Figure 31. SNMP Support Application
SNMP support requires an interface to a CPU and CPU-controlled software. The speed and duplex terminals
must be configured correctly to ensure proper operation. This is a proposed schematic and has not been tested.
manufacturing test features
The methodology of these tests is considered before implementation. All tests are based on an incremental
approach, building upon tested results before reaching the final goal. For tests using the DIO interface (for
example), the DIO interface should be tested and then, if it is functioning correctly, the next depth of testing
should be performed (i.e., internal to the TNETX3150/TNETX3150A testing). If a test fails using this
methodology, the cause of the failure can be determined quickly and test/debug time reduced.
primary test access: DIO testing
The DIO registers can be written to and read directly from the terminal interface. This level of testing is trivial,
but essential, before continuing to internally test the TNETX3150/TNETX3150A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com