Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 11 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 7Page - Texas Instruments TNETX3150 Datasheet HTML 8Page - Texas Instruments TNETX3150 Datasheet HTML 9Page - Texas Instruments TNETX3150 Datasheet HTML 10Page - Texas Instruments TNETX3150 Datasheet HTML 11Page - Texas Instruments TNETX3150 Datasheet HTML 12Page - Texas Instruments TNETX3150 Datasheet HTML 13Page - Texas Instruments TNETX3150 Datasheet HTML 14Page - Texas Instruments TNETX3150 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
10-/100-/200-Mbit/s uplink MAC interface (port 00) (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
M00RXDV
A18
I
Receive data valid. M00RXDV indicates data on M00RXD is valid for 10-/100-Mbit/s operation.
When operating in 200-Mbit/s mode in conjunction with the M00RXDVX signal, M00RXDV
indicates the following (in 200-Mbit/s mode): M00RXDVX (most-significant bit), M00RXDV
(least-significant bit).
00 – idle (interframe gap)
01 – data frame available
10 – idle (waiting for keytag)
11 – post tag data available
M00RXDVX
D19
I
Receive data valid. In conjunction with the M00RXDV signal, M00RXDVX indicates the following:
M00RXDVX (most-significant bit), M00RXDV (least-significant bit).
00 – idle (interframe gap)
01 – data frame available
10 – idle (waiting for keytag)
11 – post tag data available
M00RXDVX must be pulled down with external resistors to operate in 10-/100-Mbit/s modes.
M00RXER
C19
I
Receive error. M00RXER indicates reception of a coding error on received data.
High = coding error
Low = no coding error
M00SPEED
B19
I
Bit-rate selection speed. The speed of the MAC interface is determined by the logic level on
M00SPEED (low = 10 Mbit/s, high = 100 Mbit/s) (in 200-Mbit/s mode, M00LINK = 1).
M00TCLK
A19
I
Transmit clock. M00TCLK source is from the external PHY or test device.
M00TXD0
C20
M00TXD1
B20
Transmit data. Nibble/byte transmit data is from the TNETX3150/TNETX3150A. When M00TXEN
i
t d
th
i
l
t
it d t
Th
t
b
M00TXD2
A20
is asserted, these signals carry transmit data. The source port number appears on
M00TXD3–M00TXD0 one cycle before M00TXEN is asserted.
M00TXD3
D21
O
M00TXD3–M00TXD0 one cycle before M00TXEN is asserted.
Data on these terminals is always synchronous to M00TCLK. The uplink can transmit 4- or 8-bit
M00TXD4
C21
O
Data on these terminals is always synchronous to M00TCLK. The u link can transmit 4 or 8 bit
data and is determined by strapping terminal M00UPLINK: when low, the uplink operates in the 8-bit
id
d
h
hi h th
ibbl bit (4 7)
t d i
l
i
4 bit d t
If th MWIDTH
M00TXD5
B21
wide mode; when high, the upper-nibble bits (4–7) are not driven, leaving 4-bit data. If the MWIDTH
bit in the port control register and the M00SPEED terminal are set low, then data is transmitted on
M00TXD6
A21
bit in the ort control register and the M00SPEED terminal are set low, then data is transmitted on
the M00TXD0 terminal.
M00TXD7
D22
M00TXEN
C22
O
Transmit enable. M00TXEN indicates valid transmit data on M00TXD7–M00TXD0.
High = valid data
Low = no valid data
M00TXER
D20
O
Transmit error. M00TXER allows coding errors to be propagated across the MIIs. When
M00UPLINK is low (200-Mbit/s uplink), M00TXER is taken high when an underrun occurs in the
TX FIFO port 00. This enables external logic to reconstruct and resend the frame. When
M00UPLINK is high (nonuplink mode), M00TXER is asserted at the end of an under-running frame,
enabling the TNETX3150/TNETX3150A to force a coding error.
M00UPLINK
A22
I
Uplink selector. M00UPLINK, when low, selects the 8-bit uplink (200 Mbit/s) protocol. When high,
M00UPLINK selects normal 10-/100-Mbit/s protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com