Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 6 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 2Page - Texas Instruments TNETX3150 Datasheet HTML 3Page - Texas Instruments TNETX3150 Datasheet HTML 4Page - Texas Instruments TNETX3150 Datasheet HTML 5Page - Texas Instruments TNETX3150 Datasheet HTML 6Page - Texas Instruments TNETX3150 Datasheet HTML 7Page - Texas Instruments TNETX3150 Datasheet HTML 8Page - Texas Instruments TNETX3150 Datasheet HTML 9Page - Texas Instruments TNETX3150 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
10-Mbit/s MAC interface (ports 03–14)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
M03COL
F4
M04COL
H4
M05COL
L4
M06COL
T4
M07COL
W4
Collision sense In carrier sense multiple access with collision detection (CSMA/CD) mode
M08COL
AA4
I
Collision sense. In carrier sense multi le access with collision detection (CSMA/CD) mode,
assertion of MXXCOL indicates network collision.
M09COL
AC2
I
High = network collision
Low
no network collision
M10COL
AC6
Low = no network collision
M11COL
AC8
M12COL
AC11
M13COL
AC14
M14COL
AD17
M03CRS
F3
M04CRS
H3
M05CRS
L3
M06CRS
T3
M07CRS
W3
M08CRS
AA3
I
Carrier sense. MXXCRS indicates a frame carrier signal is being received.
High = frame carrier signal is being received
M09CRS
AF3
I
High = frame carrier signal is being received
Low = no frame carrier signal is being received
M10CRS
AD6
Low
no frame carrier signal is being received
M11CRS
AD8
M12CRS
AD11
M13CRS
AC15
M14CRS
AC17
M03DUPLEX
E4
M04DUPLEX
G4
M05DUPLEX
K4
M06DUPLEX
R4
M07DUPLEX
U4
M08DUPLEX
Y4
I/O
Duplex selector. MXXDUPLEX switches the interface between full- and half-duplex operation
(low = half duplex high = full duplex) M03DUPLEX–M14DUPLEX inputs have active pulldown
M09DUPLEX
AC3
I/O
(low = half du lex, high = full du lex). M03DUPLEX–M14DUPLEX in uts have active ulldown
circuits used to force the outputs low when the FORCEHD bit is set.
M10DUPLEX
AC5
circuits used to force the out uts low when the FORCEHD bit is set.
M11DUPLEX
AC7
M12DUPLEX
AC10
M13DUPLEX
AD12
M14DUPLEX
AC16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com