| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 66 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 66 Page - Texas Instruments |
|
66 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 66 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 port structures (continued) D The immediate queue collates the cut-through-mode buffer information. If there is data queued to the immediate queue and the port is available, the data is transmitted. New frame data is placed onto the immediate queue only when the following conditions exist: – Data can cut through from source to destination. – The transmitter is currently idle on the destination port. – There is no existing frame transfer occurring on either transmit queue or immediate queue. If the number of buffers in the buffer pool becomes less than or equal to zero, no further data is accepted. RX frame data is discarded until the free queue contains free buffers again. Additionally, individual queues can overflow, in particular the transmit queue. The transmit queue length is recorded as a residual figure (i.e., number of buffers remaining rather than number of buffers queued). If this becomes negative, no further frame data is queued and frames are discarded. QM for cut-through operation (see Figure 25) Free Queue Register Working Register List Of Empty External DRAM Buffers Four-Entry, Free-Buffer Stack Channel 0 Channel 1 Channel 14 Channel 0 Channel 1 Channel 14 Length Tail Head Head Tail Length Immediate Queue for Other Channels RX FIFO Buffers Immediate queue for channel 14 1. RX FIFO buffer archived to external DRAM buffer. TX FIFO Buffers 5. Free buffer returned to the working buffer, first entry in the stack, or to the free queue if stack is full. 2. Full FIFO buffer transferred to DRAM buffer (destination channel 14). The next free buffer in free queue or free buffer stack is used. 3. Buffer linked to tail of the destination immediate queue. 4. External buffer moved from DRAM to the TX FIFO and transmitted. Figure 25. QM for Cut-Through |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |