Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 55 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 55 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 51Page - Texas Instruments TNETX3150 Datasheet HTML 52Page - Texas Instruments TNETX3150 Datasheet HTML 53Page - Texas Instruments TNETX3150 Datasheet HTML 54Page - Texas Instruments TNETX3150 Datasheet HTML 55Page - Texas Instruments TNETX3150 Datasheet HTML 56Page - Texas Instruments TNETX3150 Datasheet HTML 57Page - Texas Instruments TNETX3150 Datasheet HTML 58Page - Texas Instruments TNETX3150 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
55
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
port N RX overrun and collision statistics at 0x8*N + 0x8780 through 0x8*N + 0x87FF
(N = port number in hex)
+7
+6
+5
+4
+3
+2
+1
+0
ADDRESS
RX overrun port 00
Collision port 00
0x8780 +0x00–0x07
RX overrun port 01
Collision port 01
0x8780 +0x08–0x0F
RX overrun port 02
Collision port 02
0x8780 +0x10–0x17
RX overrun port 03
Collision port 03
0x8780 +0x18–0x1F
RX overrun port 04
Collision port 04
0x8780 +0x20–0x27
RX overrun port 05
Collision port 05
0x8780 +0x28–0x2F
RX overrun port 06
Collision port 06
0x8780 +0x30–0x37
RX overrun port 07
Collision port 07
0x8780 +0x38–0x3F
RX overrun port 08
Collision port 08
0x8780 +0x40–0x47
RX overrun port 09
Collision port 09
0x8780 +0x48–0x4F
RX overrun port 10
Collision port 10
0x8780 +0x50–0x57
RX overrun port 11
Collision port 11
0x8780 +0x58–0x5F
RX overrun port 12
Collision port 12
0x8780 +0x60–0x67
RX overrun port 13
Collision port 13
0x8780 +0x68–0x6F
RX overrun port 14
Collision port 14
0x8780 +0x70–0x77
Reserved
Reserved
0x8780 +0x78–0x7F
When accessing the statistics values from the DIO port, it is necessary to perform four 1-byte DIO reads to obtain
the full 32-bit counter. To prevent the chance of the counter being updated while reading the four bytes, the user
should access the low byte first, followed by the upper three bytes. On reading the low byte, the counter statistic
value is transferred to a 32-bit holding register before being placed on the DIO bus. The register is updated only
when reading the low byte of the counter statistic. When the statistics values are accessed in this way, the user
does not see spurious updates.
The statistics, RX overrun, and collision registers are cleared only during a reset or when bit 4 (CLRSTS) of the
system control register at 0x00C3 is set. When the registers roll over, a roll-over indication is not given.
transmit queue (TXQ) structures address map at 0x8*N + 0x8800 through 0x8*N + 0x8807
(N = port number in hex)
+7
+6
+5
+4
+3
+2
+1
+0
ADDRESS
Transmit queue 0 head
Transmit queue 0 tail
Transmit queue 0 length
0x8800–0x8807
Transmit queue 1 head
Transmit queue 1 tail
Transmit queue 1 length
0x8808–0x880F
Transmit queue 2 head
Transmit queue 2 tail
Transmit queue 2 length
0x8810–0x8817
Transmit queue 3 head
Transmit queue 3 tail
Transmit queue 3 length
0x8818–0x881F
Transmit queue 4 head
Transmit queue 4 tail
Transmit queue 4 length
0x8820–0x8827
Transmit queue 5 head
Transmit queue 5 tail
Transmit queue 5 length
0x8828–0x882F
Transmit queue 6 head
Transmit queue 6 tail
Transmit queue 6 length
0x8830–0x8837
Transmit queue 7 head
Transmit queue 7 tail
Transmit queue 7 length
0x8838–0x883F
Transmit queue 8 head
Transmit queue 8 tail
Transmit queue 8 length
0x8840–0x8847
Transmit queue 9 head
Transmit queue 9 tail
Transmit queue 9 length
0x8848–0x884F
Transmit queue 10 head
Transmit queue 10 tail
Transmit queue 10 length
0x8850–0x8857
Transmit queue 11 head
Transmit queue 11 tail
Transmit queue 11 length
0x8858–0x885F
Transmit queue 12 head
Transmit queue 12 tail
Transmit queue 12 length
0x8860–0x8867
Transmit queue 13 head
Transmit queue 13 tail
Transmit queue 13 length
0x8868–0x886F
Transmit queue 14 head
Transmit queue 14 tail
Transmit queue 14 length
0x8870–0x8877
Reserved
0x8878–0x887F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com