Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 85 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 85 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 81Page - Texas Instruments TNETX3150 Datasheet HTML 82Page - Texas Instruments TNETX3150 Datasheet HTML 83Page - Texas Instruments TNETX3150 Datasheet HTML 84Page - Texas Instruments TNETX3150 Datasheet HTML 85Page - Texas Instruments TNETX3150 Datasheet HTML 86Page - Texas Instruments TNETX3150 Datasheet HTML 87Page - Texas Instruments TNETX3150 Datasheet HTML 88Page - Texas Instruments TNETX3150 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
85
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
TNETX3150
TNETX3150A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
3
3.3
3.6
V
VCC(5V)
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
VCC(5V)
2
VCC(5V)
V
VIL
Low-level input voltage (see Note 3)
0
0.8
0
0.8
V
IOH
High-level output current
–4
–2
mA
IOL
Low-level output current
4
2
mA
NOTE 3: The algebraic convention, where the more negative (less positive) limit is designated as a minimum, is used for logic voltage levels only.
electrical characteristics over recommended operating conditions (unless otherwise noted)
TNETX3150
TNETX3150A
PARAMETER
TEST
CONDITIONS
MIN
TYP
MAX
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –4mA
2.4
IOH = –2mA
2.4
V
VOL
Low-level output voltage
IOL = 4mA
0.4
IOL = 2mA
0.4
V
IOZ
High-impedance-state
VO = VCC
20
VO = VCC
20
µA
IOZ
g
output current
VO = 0
–20
VO = 0
–20
µA
IIH
High-level input current
VI = VI(MAX)
–10
VI = VI(MAX)
–20
µA
IIL
Low-level input current
VI = GND
+10
VI = GND
+20
µA
ICC
Supply current, 3.6 V
1500
550
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com