Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 26 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 22Page - Texas Instruments TNETX3150 Datasheet HTML 23Page - Texas Instruments TNETX3150 Datasheet HTML 24Page - Texas Instruments TNETX3150 Datasheet HTML 25Page - Texas Instruments TNETX3150 Datasheet HTML 26Page - Texas Instruments TNETX3150 Datasheet HTML 27Page - Texas Instruments TNETX3150 Datasheet HTML 28Page - Texas Instruments TNETX3150 Datasheet HTML 29Page - Texas Instruments TNETX3150 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
26
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
cascade connection (continued)
Cascade employs the TNETX3150/TNETX3150A uplink connection of 200 Mbit/s. The necessity to provide
routing information with post tagging is disabled by option bit TAGOFF (bit 4) of DIO 0x00C2 RSIZE register.
The frame-control signal (M00TXER is asserted during FIFO underrun) is connected to M00RXDVX, permitting
the receiver to temporarily stall before continuing frame reception. This allows the TNETX3150/TNETX3150A
to reconstruct the frame. Flow control, implemented by holding M00COL high before frame transmission, is
retained to enable flow-controlled interfaces when required.
uplink frame RX routing via post tagging
If the TNETX3150/TNETX3150A relies on the external switch logic to make switching decisions (200-Mbit/s
mode and the TAGOFF option bit is reset), the external hardware must provide an indication of the destination
ports for the frame received on the uplink. This indication consists of four bytes. The EAM interface and the post
tag should not be used at the same time. When post tagging is enabled, the tag bytes overwrite the value
received on the EAM interface (EAM interface has no effect). When post tagging is turned off (designed for local
switching), the post tag is ignored, and the EAM interface or the internal address match supplies the routing
information.
There is no handshake or flow control for the receive uplink path on the TNETX3150/TNETX3150A. If required,
this must be implemented in upstream devices. No preamble is expected on data received by the uplink at
200-Mbit/s (see Figure 8). The tag fields are coded as shown in Figure 9.
M00RXD7–
M00RXD0
M00RXDVX
M00RCLK
M00RXDV
Tag 0
Tag 1
Tag 2
Tag 3
Don’t Care
DA, SA, Data, CRC,
Ethernet Frame
Idle Cycle
(at least 1 cycle)
4-Byte Tag Field Appended
to the End of the Ethernet
Frame Reception
Figure 8. Data Format for Uplink RX Frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com