Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 42 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 38Page - Texas Instruments TNETX3150 Datasheet HTML 39Page - Texas Instruments TNETX3150 Datasheet HTML 40Page - Texas Instruments TNETX3150 Datasheet HTML 41Page - Texas Instruments TNETX3150 Datasheet HTML 42Page - Texas Instruments TNETX3150 Datasheet HTML 43Page - Texas Instruments TNETX3150 Datasheet HTML 44Page - Texas Instruments TNETX3150 Datasheet HTML 45Page - Texas Instruments TNETX3150 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
42
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
port-N status register at 0x8*N + 0x0001 (read only) (N = port number in hex)
INITIAL VALUES AFTER RESET
BIT
7
6
5
4
3
2
1
0
UPDATE
NLINK
PROTOCOL
SPEED
DUPLX
Port state
1
0
0
BIT
NAME
FUNCTION
7
UPDATE
Transmit queue-length update pending. UPDATE indicates when the transmit queue-length information has been
updated for this port. UPDATE = 1 pending a transmit queue-length at initialization and when a queue-length update
is pending. UPDATE = 0 when the update is complete. UPDATE is maintained only for ports with the LINK signal
active. Any port with LINK inactive is not updated.
6
NLINK
Not link. NLINK indicates that the port’s link is inactive. NLINK reports the inverse of the state of the port’s MXXLINK
terminal.
5
PROTOCOL
Interface protocol. PROTOCOL indicates the protocol of the interface and is determined by the logic level on
MXXPROTOCOL. When PROTOCOL = 1, it indicates a request/grant interface for datastreaming applications.
When PROTOCOL = 0, it indicates a CSMA/CD interface. For 200-Mbit/s uplink operation, PROTOCOL should
be 1 (refer to uplink section for details). For standard Ethernet applications, PROTOCOL should be 0.
4
SPEED
Network speed. SPEED indicates the speed of a network port. When set to a 1, it indicates 100 Mbit/s. When set
to a 0, it indicates 10 Mbit/s. SPEED is a direct reflection of the state of the port’s MXXSPEED terminal
(non-10-Mbit/s ports). Ports with 10 Mbit/s always have a 0 in SPEED.
3
DUPLX
Full-duplex network. DUPLX indicates that a network port is operating in full-duplex mode. When set to a 1, it
indicates full duplex. When set to a 0, it indicates half duplex. DUPLX is a direct reflection of the state of the port’s
MXXDUPLX terminal.
2–0
Port state
This field indicates the state of the port.
000 – Enabled
001 – Suspended due to link failure
010 – Suspended due to address duplication
011 – Suspended due to address mismatch
100 – Disabled by management
101 – Reserved
110 – Disabled due to address duplication
111 – Disabled due to address mismatch
Reset places all ports in state 100 (disabled by management). Completion of buffer memory initialization (START
complete) places all ports in state 000 (enabled) unless port DISABLE bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com