| Electronic Components Datasheet Search |
|
TNETX3150 Datasheet(PDF) 79 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETX3150 Datasheet(HTML) 79 Page - Texas Instruments |
|
79 / 113 page ![]() TNETX3150/TNETX3150A ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997 79 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 tertiary test access The internal RAM access infers only that both DIO port and internal RAM structures are functioning correctly. It does not provide information on the TNETX3150/TNETX3150A data paths (to and from the RAMS) during normal frame operations or an indication of the control path functionality. To further assist with this, the proposed tests are as follows: • DRAM access — this test proves that the data path between FIFO and DRAM is functioning, along with certain sections of the queue manager and FIFO logic operations. • Frame forwarding — frame data is forwarded from one port to the next using a loop-back mode. This builds on the previous tests, and tests that the data path to and from the protocol handlers and control paths are operational. The number of ports that take part in forwarding is controlled using the VLAN registers, allowing any number of ports to be tested in this mode. Single connections can be tested allowing individual protocol-handler data paths-to-FIFO connections to be tested or multiple port testing that allows reduced system test time. external DRAM test access Using the incremental test approach (after the FIFO is tested and verified), the data path to and control of the external DRAM memory is verified. DRAM writes are carried out by first constructing a buffer in the FIFO (64 bytes), and then initiating a buffer write from the FIFO to the DRAM. The buffer is transferred like a normal buffer transfer in a 17-write DRAM burst. The forward pointer field is mapped to the DRAM data register, and the flag data fields are mapped to the DRAM flag register. Reading from the DRAM performs a buffer transfer to the FIFO from which individual bytes can be read (and tested) through the DIO interface. The flag bytes and forward-pointer bytes are transferred from the DRAM to the DRAM-data and DRAM-flag registers for reading. The buffer transfer mechanism, when operated in DRAM test access mode, does not check the flag status. No actions are performed, depending on the status of the flags. The transfer is a test data transfer, with no attempt made to comprehend flag contents. After completion of the DRAM testing, the TNETX3150/TNETX3150A should be reset before normal switching activity is resumed. This ensures that the TNETX3150/TNETX3150A is returned to a defined state before normal functionality is resumed. This mechanism is primarily intended for DRAM testing and is not a part of a breakpoint/debug mechanism. For more information refer to the test register section. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |