Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 92 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 88Page - Texas Instruments TNETX3150 Datasheet HTML 89Page - Texas Instruments TNETX3150 Datasheet HTML 90Page - Texas Instruments TNETX3150 Datasheet HTML 91Page - Texas Instruments TNETX3150 Datasheet HTML 92Page - Texas Instruments TNETX3150 Datasheet HTML 93Page - Texas Instruments TNETX3150 Datasheet HTML 94Page - Texas Instruments TNETX3150 Datasheet HTML 95Page - Texas Instruments TNETX3150 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
92
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements (see Figure 37)
DRAM burst write cycle (TNETX3150/TNETX3150A frame buffer write)
NO.
MIN
NOM
MAX
UNIT
1
tc(OSCIN)
Cycle time, OSCIN clock
20
ns
2
tw(OSCINH)
Pulse duration, OSCIN high
8
ns
3
tw(OSCINL)
Pulse duration, OSCIN low
8
ns
Frequency drift, OSCIN clock
±50
ppm
operating characteristics over recommended operating conditions (see Figure 37)
DRAM burst write cycle (TNETX3150/TNETX3150A frame buffer write) (with DREF clock)
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
4
tc(DREF)
Cycle time, DREF clock
20
20
ns
5
td(DA)
Delay time, from DREF
↑ to DA7–DA0 valid/invalid
–4
3
–4
3
ns
5
td(DX)
Delay time, from DREF
↑ to DX2–DX0 valid/invalid
–4
3
–4
3
ns
6
td(DRAS)
Delay time, from DREF
↑ to DRAS transition
–4
5
–4
3
ns
7
td(DD)
Delay time, from DREF
↑ to DD35–DD0 valid/invalid
–4
8
–4
3
ns
8
td(DOE)
Delay time, from DREF
↑ to DOE transition
–4
5
–4
3
ns
9
td(DWE)
Delay time, from DREF
↑ to DWE transition
–4
4
–4
3
ns
10
td(DCAS)
Delay time, from DREF
↑ to DCAS transition
–4
4
–4
3
ns
operating characteristics over recommended operating conditions (see Figure 37)
DRAM burst write cycle (TNETX3150/TNETX3150A frame buffer write) (with OSCIN clock)
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
11
td(DA)
Delay time, from OSCIN
↑ to DA7–DA0 valid/invalid
3
15
3
15
ns
11
td(DX)
Delay time, from OSCIN
↑ to DX2–DX0 valid/invalid
3
15
3
15
ns
12
td(DRAS)
Delay time, from OSCIN
↑ to DRAS transition
3
15
3
15
ns
13
td(DD)
Delay time, from OSCIN
↑ to DD35–DD0 valid/invalid
3
17
3
15
ns
14
td(DOE)
Delay time, from OSCIN
↑ to DOE transition
3
15
3
15
ns
15
td(DWE)
Delay time, from OSCIN
↑ to DWE transition
3
15
3
15
ns
16
td(DCAS)
Delay time, from OSCIN
↑ to DCAS transition
3
15
3
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com