Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TNETX3150 Datasheet(PDF) 109 Page - Texas Instruments

Part # TNETX3150
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TNETX3150 Datasheet HTML 105Page - Texas Instruments TNETX3150 Datasheet HTML 106Page - Texas Instruments TNETX3150 Datasheet HTML 107Page - Texas Instruments TNETX3150 Datasheet HTML 108Page - Texas Instruments TNETX3150 Datasheet HTML 109Page - Texas Instruments TNETX3150 Datasheet HTML 110Page - Texas Instruments TNETX3150 Datasheet HTML 111Page - Texas Instruments TNETX3150 Datasheet HTML 112Page - Texas Instruments TNETX3150 Datasheet HTML 113Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 109 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
109
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (see Figure 51)
RESET (software) timing
NO
TNETX3150
TNETX3150A
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tw(RESET)
Pulse duration, RESET low
3
3
µs
2
tsu(RESET)
Setup time, RESET low before OSCIN
7
7
ns
3
th(RESET)
Hold time, RESET low after OSCIN
10
10
ns
OSCIN
(input)
VCC(5V)
(input)
VCC
(input)
2
1
RESET
(input)
Normal Operation
Signals†
† MXXCOL, MXXCRS, MXXPROTOCOL, MXXDUPLEX, MXXLINK, MXXRCLK, MXXRXD0, MXXRXD1, MXXRXD2, MXXRXD3, MXXRXD4,
M00RXD5, M00RXD6, M00RXD7, M00RXDV, M00RXDVX, MXXRXER, MXXSPEED, MXXTCLK, M00UPLINK, DD00–DD35,
EAM15–EAM00, SDATA7–SDATA0, SAD1, SAD0, SCS, SRNW, EDIO, TDI, TMS, TRST, TCLK, OSCIN
3
Figure 51. Reset (Software) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com