Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS82740ASIPT Datasheet HTML 12Page - Texas Instruments TPS82740ASIPT Datasheet HTML 13Page - Texas Instruments TPS82740ASIPT Datasheet HTML 14Page - Texas Instruments TPS82740ASIPT Datasheet HTML 15Page - Texas Instruments TPS82740ASIPT Datasheet HTML 16Page - Texas Instruments TPS82740ASIPT Datasheet HTML 17Page - Texas Instruments TPS82740ASIPT Datasheet HTML 18Page - Texas Instruments TPS82740ASIPT Datasheet HTML 19Page - Texas Instruments TPS82740ASIPT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
www.ti.com
Feature Description (continued)
voltage and superior load transient regulation, combined with very low output voltage ripple, minimizing
interference with RF circuits. At high load currents, the converter operates in quasi fixed frequency PWM mode
operation and at light loads in PFM (Pulse Frequency Modulation) mode to maintain highest efficiency over the
full load current range. In PFM Mode, the device generates a single switching pulse to ramp up the inductor
current and recharge the output capacitor, followed by a sleep period where most of the internal circuits are
shutdown to achieve the lowest quiescent current. During this time, the load current is supported by the output
capacitor. The duration of the sleep period depends on the load current and the inductor peak current.
During the sleep periods, the quiescent current of the TPS82740 is reduced to 360nA. This low quiescent current
consumption is achieved by an ultra low power voltage reference, an integrated high impedance (typ. 50M
Ω)
feedback divider network and an optimized DCS-Control™ block.
10.3.2 LOAD Switch
The LOAD pin can be used to power an additional, temporarily used sub-system. If the CTRL pin is set high, the
LOAD pin is connected to the VOUT pin via an integrated load switch. The load switch is slew rate controlled to
support soft switching and not impacting the regulated output VOUT. If the CTRL pin is set to low, the LOAD pin
is disconnected from the VOUT pin and internally connected to GND by an internal discharge switch. The CTRL
pin can be controlled by a micro controller and must be terminated. With CTRL pin high, the quiescent current is
increased to improve the transient response.
10.3.3 Output Voltage Selection (VSEL1, VSEL2, VSEL3)
The TPS82740 provides an integrated, high impedance (typ. 50M
Ω) feedback resistor divider network which is
programmed by the pins VSEL1-3. The TPS82740A supports an output voltage range of 1.8V to 2.5V in 100mV
steps, while the TPS82740B supports an output voltage range from 2.6V to 3.3V in 100mV steps. The output
voltage can be changed during operation and supports a simple dynamic output voltage scaling, shown in
Figure 44. The output voltage is programmed according to Table 2 and Table 3.
10.3.4 Output Discharge Function (VOUT and LOAD)
Both the VOUT pin and the LOAD pin feature a discharge circuit to connect each rail to GND, once they are
disabled. This feature prevents residual charge voltages on capacitors connected to these pins, which may
impact proper power up of the main- and sub-system. With the CTRL pin pulled low, the discharge circuit at the
LOAD pin activates. With the EN pin pulled low, the discharge circuit at the pin VOUT activates.
10.3.5 Internal Current Limit
The TPS82740 integrates a current limit in the high side, as well as in the low side MOSFETs to protect the
device against overload or short circuit conditions. The peak current in the switches is monitored cycle by cycle.
If the high side MOSFET current limit is reached, the high side MOSFET is turned off and the low side MOSFET
is turned on until the current decreases below the low side MOSFET current limit.
10.4 Device Functional Modes
10.4.1 Enable / Shutdown
The TPS82740 is activated when the EN pin is set high. For proper operation, the pin must be terminated and
must not be left floating. With the EN pin set low, the device enters shutdown mode with less than typ. 70nA
current consumption.
10.4.2 Softstart
When the device is enabled, the internal reference is powered up and after the startup delay time tStartup_delay has
expired, the device enters softstart, starts switching and ramps up the output voltage. During softstart, the device
operates with a reduced current limit, ILIM_softstart, of typ. 1/3 of the nominal current limit. This reduced current limit
is active during the time tSoftstart. The current limit is increased to its nominal value, ILIMF, once this time has
expired or the nominal output voltage is reached.
16
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com