Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS82740ASIPT Datasheet HTML 4Page - Texas Instruments TPS82740ASIPT Datasheet HTML 5Page - Texas Instruments TPS82740ASIPT Datasheet HTML 6Page - Texas Instruments TPS82740ASIPT Datasheet HTML 7Page - Texas Instruments TPS82740ASIPT Datasheet HTML 8Page - Texas Instruments TPS82740ASIPT Datasheet HTML 9Page - Texas Instruments TPS82740ASIPT Datasheet HTML 10Page - Texas Instruments TPS82740ASIPT Datasheet HTML 11Page - Texas Instruments TPS82740ASIPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Output Current IOUT (mA)
0.001
0.01
0.1
1
10
100 300
300
1.75
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
D012
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Output Current IOUT (mA)
0.001
0.01
0.1
1
10
100 300
300
2.04
2.05
2.06
2.07
2.08
2.09
2.10
2.11
2.12
2.13
2.14
2.15
2.16
D013
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
Input Voltage VIN (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
90
100
D004
IOUT = 12A
IOUT = 22A
IOUT = 52A
IOUT = 102A
IOUT = 1002A
IOUT = 1mA
IOUT = 10mA
IOUT = 200mA
Input Voltage VIN (V)
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
90
100
D003
IOUT = 12A
IOUT = 22A
IOUT = 52A
IOUT = 102A
IOUT = 1002A
IOUT = 1mA
IOUT = 10mA
IOUT = 200mA
Input Voltage VIN (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
90
100
D010
IOUT = 12A
IOUT = 22A
IOUT = 52A
IOUT = 102A
IOUT = 1002A
IOUT = 1mA
IOUT = 10mA
IOUT = 200mA
Input Voltage VIN (V)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
90
100
D011
IOUT = 12A
IOUT = 22A
IOUT = 52A
IOUT = 102A
IOUT = 1002A
IOUT = 1mA
IOUT = 10mA
IOUT = 200mA
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
www.ti.com
Typical Characteristics (continued)
CTRL = GND
CTRL = GND
Figure 7. TPS82740A Efficiency VOUT = 1.8V
Figure 8. TPS82740A Efficiency VOUT = 2.1V
CTRL = GND
CTRL = GND
Figure 9. TPS82740B Efficiency VOUT = 2.6V
Figure 10. TPS82740B Efficiency VOUT = 3.3V
CTRL = GND
Figure 11. TPS82740A Output voltage VOUT = 1.8V
Figure 12. TPS82740A Output voltage VOUT = 2.1V
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com