Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS82740ASIPT Datasheet HTML 2Page - Texas Instruments TPS82740ASIPT Datasheet HTML 3Page - Texas Instruments TPS82740ASIPT Datasheet HTML 4Page - Texas Instruments TPS82740ASIPT Datasheet HTML 5Page - Texas Instruments TPS82740ASIPT Datasheet HTML 6Page - Texas Instruments TPS82740ASIPT Datasheet HTML 7Page - Texas Instruments TPS82740ASIPT Datasheet HTML 8Page - Texas Instruments TPS82740ASIPT Datasheet HTML 9Page - Texas Instruments TPS82740ASIPT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
www.ti.com
Electrical Characteristics (continued)
VIN = 3.6V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AUTO 100% MODE TRANSITION
Auto 100% Mode
170
250
340
mV
Rising VIN,100% Mode is left with VIN = VOUT + VTH_100+ , max value
VTH_100+
exit detection
at TJ = 85°C
threshold (1)
Auto 100% Mode
110
200
280
Falling VIN, 100% Mode is entered with VIN = VOUT + VTH_100-, max
VTH_100-
enter detection
value at TJ = 85°C
threshold (1)
OUTPUT
tStartup_delay
Regulator start up
From transition EN = low to high until device starts switching
10
25
ms
delay time
tSoftstart
Softstart time with
2.2V
≤ VIN ≤ 5.5V, EN = VIN
400
1200
µs
reduced switch
current limit
High side MOSFET
80
150
200
switch current limit
ILIM_softstart
Reduced switch current limit during softstart
mA
Low side MOSFET
150
switch current limit
Output voltage
Output voltages are selected with pins VSEL1,
TPS82740A
1.8
2.5
V
range
VSEL2, VSEL3
TPS82740B
2.6
3.3
IOUT = 10mA, VOUT = 1.8V / 2.6V
-2.5
0
2.5
%
Output voltage
accuracy
IOUT = 100mA, VOUT = 1.8V / 2.6V
–2
0
2
VVOUT
DC output voltage
VOUT = 1.8V / 2.6V, CTRL = VIN
0.001
%/mA
load regulation
DC output voltage
VOUT = 1.8V / 2.6V, CTRL = VIN, IOUT = 10 mA, 2.5V ≤ VIN ≤ 5.5V
0
%/V
line regulation
(1)
VIN is compared to the programmed output voltage (VOUT). When VIN–VOUT falls below VTH_100- , the device enters 100% Mode by
turning the high side MOSFET on. 100% Mode is exited when VIN–VOUT exceeds VTH_100+ and the device starts switching. The
hysteresis for the 100% Mode detection threshold VTH_100+ - VTH_100- is always positive and 50 mV(typ.)
8.6 Typical Characteristics
TABLE OF GRAPHS
FIGURE
Figure 3, Figure 4, Figure 5,
η
Efficiency
vs Output Current
Figure 6
Figure 7, Figure 8, Figure 9,
η
Efficiency
vs Input Voltage
Figure 10
Figure 11, Figure 12, Figure 13,
VOUT
Output voltage
vs Output curent
Figure 14
IQ
Operating quiescent current
vs Input voltage
Figure 1
ISD
Shutdown current
vs Input voltage
Figure 2
Automatic Transition into 100% Mode
Figure 18, Figure 19, Figure 20
FSW
Switching frequency
vs Output current
Figure 15, Figure 16, Figure 17
Figure 21, Figure 22, Figure 23,
Figure 24, Figure 25, Figure 26,
Line and Load Transient Performance
Figure 27, Figure 28, Figure 29,
Figure 30
AC load regulation performance
Figure 31, Figure 32
LOAD
LOAD Output Behavior
Figure 33, Figure 34, Figure 35
Figure 36, Figure 37, Figure 38,
Input Voltage Ramp up / down
Figure 39
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com