Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 3 Page - Texas Instruments

  TPS82740ASIPT Datasheet HTML 1Page - Texas Instruments TPS82740ASIPT Datasheet HTML 2Page - Texas Instruments TPS82740ASIPT Datasheet HTML 3Page - Texas Instruments TPS82740ASIPT Datasheet HTML 4Page - Texas Instruments TPS82740ASIPT Datasheet HTML 5Page - Texas Instruments TPS82740ASIPT Datasheet HTML 6Page - Texas Instruments TPS82740ASIPT Datasheet HTML 7Page - Texas Instruments TPS82740ASIPT Datasheet HTML 8Page - Texas Instruments TPS82740ASIPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
(TOP VIEW)
(BOTTOM VIEW)
A1
B1
C1
A2
B2
C2
VOUT
LOAD
VSEL3
VIN
A3
C3
VSEL1
VSEL2
A3
C3
A2
B2
C2
VIN
EN
VSEL1
VOUT
C1
VSEL3
LOAD
A1
B1
B3
CTRL
B3
CTRL
EN
GND
VSEL2
GND
TPS82740A, TPS82740B
www.ti.com
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
6 Device Comparison Table
PACKAGE
OUTPUT VOLTAGE SETTINGS
PART NUMBER
(VSEL1, VSEL2, VSEL3)
MARKING
TPS82740A
1.8V to 2.5V in 100mV steps
E7
TPS82740B
2.6V to 3.3V in 100mV steps
E8
7 Pin Configuration and Functions
MicroSIP™
9 Bump
Table 1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO
VIN
C3
IN
Input voltage supply pin of the module.
GND
C2
-
Ground terminal.
CTRL
B2
IN
CTRL pin controls the LOAD output pin. With CTRL = low, the LOAD output is disabled. This pin must be
terminated and not left floating.
VOUT
C1
OUT
Output voltage pin of the module. An internal load switch is connected between VOUT pin and LOAD pin.
LOAD
B1
OUT
Load switch output pin controlled by the CTRL pin. With CTRL = high, an internal load switch connects the
LOAD pin to the VOUT pin. The LOAD pin allows connect / disconnect other system components to the
output of the DC/DC converter. This pin is pulled to GND with the CTRL pin = low. The LOAD pin features
soft switching. If not used, leave the pin open.
VSEL3
A1
IN
Output voltage selection pins. See Table 2 and Table 3 for VOUT selection. These pins must be terminated
and can be changed during operation.
VSEL2
A2
IN
VSEL1
A3
IN
EN
B3
IN
High level enables the devices and low level turns the device into shutdown mode. This pin must be
terminated and not left floating.
Table 2. Output Voltage Setting TPS82740A
Device
VOUT
VSEL3
VSEL2
VSEL1
1.8
0
0
0
1.9
0
0
1
2.0
0
1
0
2.1
0
1
1
TPS82740A
2.2
1
0
0
2.3
1
0
1
2.4
1
1
0
2.5
1
1
1
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com