Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS82740ASIPT Datasheet HTML 6Page - Texas Instruments TPS82740ASIPT Datasheet HTML 7Page - Texas Instruments TPS82740ASIPT Datasheet HTML 8Page - Texas Instruments TPS82740ASIPT Datasheet HTML 9Page - Texas Instruments TPS82740ASIPT Datasheet HTML 10Page - Texas Instruments TPS82740ASIPT Datasheet HTML 11Page - Texas Instruments TPS82740ASIPT Datasheet HTML 12Page - Texas Instruments TPS82740ASIPT Datasheet HTML 13Page - Texas Instruments TPS82740ASIPT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
V = 3.6V
V
= 2.6V
CTRL = GND
IN
OUT
Load step at V
I
= 50 A to 10mA
OUT
OUT
m
V = 3.6V
V
= 2.6V
CTRL = V
IN
OUT
IN
Load step at V
I
= 0.5mA to 150mA
OUT
OUT
V = 3.6V
V
= 1.8V
CTRL = GND
IN
OUT
Load step at V
I
= 50 A to 10mA
OUT
OUT
m
V = 3.6V
V
= 1.8V
CTRL =
IN
OUT
V
IN
Load step at V
I
= 0.5mA to 150mA
OUT
OUT
Input Voltage VIN (V)
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
D006
IOUT = 10mA, rising VIN
IOUT = 10mA, falling VIN
IOUT = 50mA, rising VIN
IOUT = 50mA, falling VIN
IOUT = 100mA, rising VIN
IOUT = 100mA, falling VIN
Input Voltage VIN (V)
3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
3.65
3.70
D007
IOUT = 10mA, rising VIN
IOUT = 10mA, falling VIN
IOUT = 50mA, rising VIN
IOUT = 50mA, falling VIN
IOUT = 100mA, rising VIN
IOUT = 100mA, falling VIN
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
www.ti.com
Typical Characteristics (continued)
Figure 19. TPS82740A 100% Mode Transition VOUT = 2.5V
Figure 20. TPS82740B 100% Mode Transition VOUT = 3.3V
Figure 21. TPS82740A Load Transient Response VOUT = 1.8V
Figure 22. TPS82740A Load Transient Response VOUT = 1.8V
Figure 23. TPS82740B Load Transient Response VOUT = 2.6V
Figure 24. TPS82740B Load Transient Response VOUT = 2.6V
10
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com