Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS82740ASIPT Datasheet HTML 11Page - Texas Instruments TPS82740ASIPT Datasheet HTML 12Page - Texas Instruments TPS82740ASIPT Datasheet HTML 13Page - Texas Instruments TPS82740ASIPT Datasheet HTML 14Page - Texas Instruments TPS82740ASIPT Datasheet HTML 15Page - Texas Instruments TPS82740ASIPT Datasheet HTML 16Page - Texas Instruments TPS82740ASIPT Datasheet HTML 17Page - Texas Instruments TPS82740ASIPT Datasheet HTML 18Page - Texas Instruments TPS82740ASIPT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
UVLO
EN
Gate Driver
Anti
Shoot-Through
Current
Limit Comparator
Limit
High Side
PMOS
NMOS
V
TH_UVLO
VIN
UVLO
Comp
Softstart
Control
Logic
VOUT
V
FB
Main
Comparator
Direct Control
& Compensation
Error
amplifier
Min. On
Min. OFF
VIN
VOUT
Timer
DCS
Control
Current
Limit Comparator
Limit
Low Side
Power Stage
UVLO
Slew Rate
Control
VOUT
Discharge
Load Switch
EN
UVLO
CTRL
LOAD
Internal
feedback
divider
network
(typ. 50M )
W
Ultra Low Power
Reference V
= 1.2V
REF
V
TH_100
VIN
Auto 100% Mode
Comp
100%
Mode
V
Discharge
OUT
V
FB
UVLO
EN
CTRL
VOUT
V
REF
L
ENABLE
VSEL1
VSEL2
VSEL3
VIN
GND
TPS82740A, TPS82740B
www.ti.com
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
10 Detailed Description
10.1 Overview
The TPS82740 is the first fully integrated step down converter module with an ultra low quiescent current
consumption (360nA typ.) while maintaining a regulated output voltage and featuring TI's DCS-Control™
topology. The device extends high efficiency operation to output currents down to a few micro amperes.
10.2 Functional Block Diagram
10.3 Feature Description
10.3.1 DCS-Control™
TI's DCS-Control™ (Direct Control with Seamless Transition into Power Save Mode) is an advanced regulation
topology, which combines the advantages of hysteretic and voltage mode control. Characteristics of DCS-
Control™ are excellent AC load regulation and transient response, low output ripple voltage and a seamless
transition between PFM and PWM mode operation. DCS-Control™ includes an AC loop which senses the output
voltage (VOUT pin) and directly feeds the information to a fast comparator stage. This comparator sets the
switching frequency, which is constant for steady state operating conditions, and provides immediate response to
dynamic load changes. In order to achieve accurate DC load regulation, a voltage feedback loop is used.
The DCS-Control™ topology supports PWM (Pulse Width Modulation) mode for medium and high load
conditions and Power Save Mode at light loads. During PWM mode, it operates in continuous conduction. The
switching frequency goes up to 1.7MHz with a controlled frequency variation depending on the input voltage. If
the load current decreases, the converter seamlessly enters Power Save Mode to maintain high efficiency down
to very light loads. In Power Save Mode, the switching frequency varies nearly linearly with the load current.
Since DCS-Control™ supports both operation modes within one single building block, the transition from PWM to
Power Save Mode is seamless without effects on the output voltage. The TPS82740 offers both excellent DC
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com