Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS82740ASIPT Datasheet HTML 14Page - Texas Instruments TPS82740ASIPT Datasheet HTML 15Page - Texas Instruments TPS82740ASIPT Datasheet HTML 16Page - Texas Instruments TPS82740ASIPT Datasheet HTML 17Page - Texas Instruments TPS82740ASIPT Datasheet HTML 18Page - Texas Instruments TPS82740ASIPT Datasheet HTML 19Page - Texas Instruments TPS82740ASIPT Datasheet HTML 20Page - Texas Instruments TPS82740ASIPT Datasheet HTML 21Page - Texas Instruments TPS82740ASIPT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MCU
Radio
SOC
LCD
Display + Driver
Control Subsystem
Acceleration
Sensor
Electronic
Compass
Temperature
Sensor
ADC
GND
TPS82740
L
V
IN
2.2 V ... 5.5 V
ENABLE
DC/DC Converter
VOUT
VSEL3
SW
VIN
CTRL
VSEL1
LOAD
VSEL2
EN
GND
VSEL1
VSEL2
VSEL3
Main Supply
Switched Supply
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
www.ti.com
11 Application and Implementation
11.1 Application Information
The device is designed to operate from an input voltage supply range between 2.2V and 5.5V with a maximum
output current of 200mA. Once the input voltage comes close to the output voltage, the DC/DC converter stops
switching and enters 100% duty cycle operation. The integrated slew rate controlled load switch can distribute
the selected output voltage to a temporarily used sub-system. The TPS82740 module operates in PWM mode for
medium and high load conditions and in power save mode at light load currents.
At high load currents, the converter operates in quasi fixed frequency PWM mode operation. The switching
frequency is up to 1.7MHz with a controlled frequency variation depending on the input voltage. If the load
current decreases, the converter seamlessly enters Power Save Mode by varying the switching frequency
linearly to maintain high efficiency over the full load current range. At very light load conditions the device
generates a single switching pulse to ramp up the inductor current and recharge the output capacitor, followed by
a sleep period where most of the internal circuits are shutdown to achieve 360nA quiescent current consumption.
11.2 Typical Application
Example of Implementation in a SOC Based System
11.2.1 Design Requirements
TPS82740 is a complete step-down converter module including all passive components (inductor, input and
output capacitor). For most applications no additional input / output capacitors are required. Use the following
typical application design procedure to select additional external components in case further performance
improvement of the module is desired.
11.2.2 Detailed Design Procedure
11.2.2.1 Input Capacitor Selection
For most applications, the integrated input capacitor at the VIN pin is sufficient.
18
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com