Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 5 Page - Texas Instruments

  TPS82740ASIPT Datasheet HTML 1Page - Texas Instruments TPS82740ASIPT Datasheet HTML 2Page - Texas Instruments TPS82740ASIPT Datasheet HTML 3Page - Texas Instruments TPS82740ASIPT Datasheet HTML 4Page - Texas Instruments TPS82740ASIPT Datasheet HTML 5Page - Texas Instruments TPS82740ASIPT Datasheet HTML 6Page - Texas Instruments TPS82740ASIPT Datasheet HTML 7Page - Texas Instruments TPS82740ASIPT Datasheet HTML 8Page - Texas Instruments TPS82740ASIPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPS82740A, TPS82740B
www.ti.com
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
8.4 Thermal Information
TPS82740
THERMAL METRIC(1)
µSIP
UNIT
9 PINS
RθJA
Junction-to-ambient thermal resistance
83
RθJC(top)
Junction-to-case (top) thermal resistance
53
RθJB
Junction-to-board thermal resistance
-
°C/W
ψJT
Junction-to-top characterization parameter
-
ψJB
Junction-to-board characterization parameter
-
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8.5
Electrical Characteristics
VIN = 3.6V, TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.2
5.5
V
EN = VIN, CTRL = GND, IOUT = 0µA, VOUT = 1.8V / 2.6V, device not
360
2300
switching
nA
EN = VIN, IOUT = 0mA, CTRL = GND, VOUT = 1.8V device switching
460
Operating quiescent
EN = VIN, IOUT = 0mA, CTRL = GND, VOUT = 2.6V, device switching
500
IQ
current
EN = VIN, IOUT = 0mA., CTRL = VIN, VOUT = 1.8V, device not
12.5
switching
µA
EN = VIN, IOUT = 0mA., CTRL = VIN, VOUT = 2.6V, device not
13.5
switching
ISD
Shutdown current
EN = GND, shutdown current into VIN
70
nA
EN = GND, shutdown current into VIN, TA = 60°C
150
VTH_UVLO+
Undervoltage
Rising VIN
2.075
2.15
V
lockout threshold
VTH_UVLO-
Falling VIN
1.925
2
INPUTS EN, CTRL, VSEL 1-3
VIH TH
High level input
2.2V
≤ VIN ≤ 5.5V
1.1
V
threshold
VIL TH
Low level input
2.2V
≤ VIN ≤ 5.5V
0.4
V
threshold
IIN
Input bias Current
TA = 25°C
10
nA
TA = –40°C to 85°C
25
POWER SWITCHES
High side MOSFET
430
mA
switch current limit
ILIMF
2.2V
≤ VIN ≤ 5.5V
Low side MOSFET
mA
430
switch current limit
OUTPUT DISCHARGE SWITCH (VOUT)
MOSFET on-
30
65
RDSCH_VOUT
EN = GND, IOUT = -10mA into VOUT pin
Ω
resistance
Bias current into
TA = 25°C
40
660
IIN_VOUT
EN = VIN, VOUT = 2V / 2.8V, CTRL = GND
nA
VOUT pin
TA = –40°C to 85°C
1570
LOAD OUTPUT (LOAD)
High side MOSFET
0.6
1.25
Ω
RLOAD
ILOAD = 50mA, CTRL = VIN, VOUT = 2.0V / 2.8V, 2.2 V ≤ VIN ≤ 5.5V
on-resistance
Low side MOSFET
30
65
RDSCH_LOAD
CTRL = GND, 2.2V
≤ VIN ≤ 5.5V, ILOAD = - 10mA
on-resistance
VLOAD rise time
Starting with CTRL low to high transition, time to ramp VLOAD from
315
800
µs
tRise_LOAD
0V to 95%, VOUT = 1.8V / 2.6V, 2.2V ≤ VIN ≤ 5.5V, ILOAD = 1mA, TA =
25°C
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com