Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS82740ASIPT Datasheet HTML 16Page - Texas Instruments TPS82740ASIPT Datasheet HTML 17Page - Texas Instruments TPS82740ASIPT Datasheet HTML 18Page - Texas Instruments TPS82740ASIPT Datasheet HTML 19Page - Texas Instruments TPS82740ASIPT Datasheet HTML 20Page - Texas Instruments TPS82740ASIPT Datasheet HTML 21Page - Texas Instruments TPS82740ASIPT Datasheet HTML 22Page - Texas Instruments TPS82740ASIPT Datasheet HTML 23Page - Texas Instruments TPS82740ASIPT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
www.ti.com
12 Power Supply Recommendations
The TPS82740 device is a complete and optimized power supply module working within the given
specification range without additional components. Please use the information given in the Application
Information section to connect the input and output circuitry appropriately.
13 Layout
13.1 Layout Guidelines
In making the pad size for the uSiP LGA balls, it is recommended that the layout use a non-solder-mask defined
(NSMD) land. With this method, the solder mask opening is made larger than the desired land area, and the
opening size is defined by the copper pad width. Figure 45 shows the appropriate diameters for a MicroSiPTM
layout. Figure 46 shows a suggestion for the PCB layout.
13.2 Layout Example
Figure 45. Recommended Land Pattern Image and Dimensions
SOLDER PAD
SOLDER MASK (5)
COPPER
STENCIL (6)
COPPER PAD
STENCIL THICKNESS
DEFINITIONS(1)(2)(3)(4)
OPENING
THICKNESS
OPENING
Non-solder-mask
0.30mm
0.360mm
1oz max (0.032mm)
0.34mm diameter
0.1mm thick
defined (NSMD)
(1)
Circuit traces from non-solder-mask defined PWB lands should be 75
μm to 100μm wide in the exposed area inside the solder mask
opening. Wider trace widths reduce device stand off and affect reliability.
(2)
Best reliability results are achieved when the PWB laminate glass transition temperature is above the operating the range of the
intended application.
(3)
Recommend solder paste is Type 3 or Type 4.
(4)
For a PWB using a Ni/Au surface finish, the gold thickness should be less than 0.5mm to avoid a reduction in thermal fatigue
performance.
(5)
Solder mask thickness should be less than 20
μm on top of the copper circuit pattern.
(6)
For best solder stencil performance use laser cut stencils with electro polishing. Chemically etched stencils give inferior solder paste
volume control.
20
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com