Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS82740ASIPT Datasheet HTML 15Page - Texas Instruments TPS82740ASIPT Datasheet HTML 16Page - Texas Instruments TPS82740ASIPT Datasheet HTML 17Page - Texas Instruments TPS82740ASIPT Datasheet HTML 18Page - Texas Instruments TPS82740ASIPT Datasheet HTML 19Page - Texas Instruments TPS82740ASIPT Datasheet HTML 20Page - Texas Instruments TPS82740ASIPT Datasheet HTML 21Page - Texas Instruments TPS82740ASIPT Datasheet HTML 22Page - Texas Instruments TPS82740ASIPT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
V = 3.6V, V
= V
2.6V
CTRL = V
R
= 100
I
= 0mA
C
= 10 F
IN
OUT
LOAD =
IN
OUT
LOAD
LOAD
W
m
V = 3.6V,
V
= 1.8V / 2.5V ramp up / down
I
= 5mA
VSEL 2+3 toggled, VSEL1 = GND
CTRL = GND
IN
OUT
OUT
V
= 3.6V
V
= 2.6V
R
= 100
CTRL = GND
IN
OUT
OUT
W
V
= 3.6V
V
= 2.6V
R
= 100
CTRL = GND
IN
OUT
OUT
W
TPS82740A, TPS82740B
www.ti.com
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
Typical Application (continued)
TPS82740 uses a tiny ceramic input capacitor. When a ceramic capacitor is combined with trace or cable
inductance, such as that from a wall adapter, a load step at the output can induce ringing at the VIN pin. This
ringing can couple to the output and be mistaken as loop instability or can even damage the module. In this
circumstance, additional ceramic 'bulk" capacitance, such as electrolytic or tantalum, should be placed between
the input of the module and the power source lead to reduce ringing that occurs between the inductance of the
power source leads and the module.
11.2.2.2 Output Capacitor Selection
For most applications, the integrated output capacitor at the VOUT pin is sufficient.
In order to further reduce the output voltage ripple and improve the load transient performance an additional
external output capacitance may be used. For most applications an additional 4.7µF or 10µF capacitor will be
sufficient. Care should be taken that the total effective capacitance present at the output does not exceed 10µF
in order to guarantee loop stability. Ceramic capacitors with low ESR values have the lowest output voltage ripple
and are recommended.
At the LOAD output pin, no additional output capacitor is required. For applications demanding external
capacitance connected to the LOAD pin, the total capacitance should not exceed 10µF.
11.2.3 Application Curves
Figure 41. TPS82740B Device Enable and Start up
Figure 42. TPS82740B VOUT Ramp after Enable
Figure 43. TPS82740B VOUT Ramp with activated LOAD
Figure 44. TPS82740A Dynamic Output Voltage Scaling:
Switch
VOUT = 1.8V / 2.5V
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com