Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82740ASIPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS82740ASIPT
Description  MicroSIP Step Down Converter Module for Low Power Applications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82740ASIPT Datasheet(HTML) 1 Page - Texas Instruments

  TPS82740ASIPT Datasheet HTML 1Page - Texas Instruments TPS82740ASIPT Datasheet HTML 2Page - Texas Instruments TPS82740ASIPT Datasheet HTML 3Page - Texas Instruments TPS82740ASIPT Datasheet HTML 4Page - Texas Instruments TPS82740ASIPT Datasheet HTML 5Page - Texas Instruments TPS82740ASIPT Datasheet HTML 6Page - Texas Instruments TPS82740ASIPT Datasheet HTML 7Page - Texas Instruments TPS82740ASIPT Datasheet HTML 8Page - Texas Instruments TPS82740ASIPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
TPS82740B
TPS82740 extends
light load efficiency range
down to 10 A output current
m
V
= 3.6V
V
= 3.3V
IN
OUT
Current
DCS-Control
topology
TM
GND
VOUT
up to 200mA
C
IN
TPS82740
L
VIN
2.2 V to 5.5 V
C
OUT
Switched Supply
R = 0.6
ON
ENABLE
DC/DC Converter
VOUT
VSEL3
SW
VIN
CTRL
VSEL1
LOAD
VSEL2
EN
GND
VSEL1
VSEL2
VSEL3
Control for
Switched
Supply Rail
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS82740A, TPS82740B
SLVSCE3A – JUNE 2014 – REVISED JUNE 2014
TPS82740x 360nA IQ MicroSIP
TM Step Down Converter Module for Low Power
Applications
This new DCS-Control™ based device extends the
1 Features
light load efficiency range below 10µA load currents.
1
•
360nA Typical Quiescent Current
It supports output currents up to 200mA.
•
Up to 90% Efficiency at 10µA Output Current
The
device
operates
from
rechargeable
Li-Ion
•
Pin Selectable Output Voltages in 100mV Steps
batteries, Li-primary battery chemistries such as Li-
•
Integrated Slew Rate Controlled Load Switch
SOCl2, Li-MnO2 and two or three cell alkaline
batteries. The input voltage range up to 5.5V also
•
Up to 200mA Output Current
allows operation from an USB port and thin-film solar
•
Input Voltage Range VIN from 2.2V to 5.5V
modules.
•
RF Friendly DCS-Control™
The output voltage is user selectable by three voltage
•
Low Output Voltage Ripple
select pins (VSEL), within a range from 1.8V to 2.5V
•
Automatic Transition to No Ripple 100% Mode
(TPS82740A) and 2.6V to 3.3V (TPS82740B) in
100mV steps. The TPS82740 features low output
•
Discharge Function on VOUT and LOAD
voltage ripple and low noise. Once the battery voltage
•
Sub 1.1-mm Profile Solution
comes close to the output voltage (close to 100%
•
Total Solution Size <6.7mm2
duty cycle), the device enters no ripple 100% mode
•
Small 2.3 mm x 2.9 mm MicroSIP™ Package
operation preventing an increase of output voltage
ripple. In this case the device stops switching and the
output is connected to the input voltage.
2 Applications
The integrated slew rate controlled load switch with a
•
Bluetooth® Low Energy, RF4CE, Zigbee
typical ON-resistance of 0.6
Ω distributes the selected
•
Wearable Electronics
output voltage to a temporarily used sub-system.
•
Energy Harvesting
The TPS82740 is available in a small 9 bump 6.7mm2
MicroSiPTM package.
3 Description
The TPS82740 is the industry's first step down
Device Information(1)
converter module featuring typically 360nA quiescent
PART NUMBER
PACKAGE
BODY SIZE (NOM)
current consumption. It is a complete MicroSIPTM
TPS82740A
µSIP
2.30 mm × 2.90 mm
DC/DC step-down power solution intended for ultra
low-power applications. The module includes the
TPS82740B
µSIP
2.30 mm × 2.90 mm
switching
regulator,
inductor
and
input/output
(1) For all available packages, see the orderable addendum at
capacitors. The integration of all required passive
the end of the datasheet.
components enables a tiny solution size of only
6.7mm2.
4 Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS82740ASIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
More results

Similar Description - TPS82740ASIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
360nA IQ Step Down Converter for Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS8268180 TI-TPS8268180_15 Datasheet
2Mb / 32P
TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82130 TI1-TPS82130 Datasheet
1Mb / 25P
Step-Down Converter MicroSiP Module
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
360nA IQ Step Down Converter For Low Power Applications
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82140 TI1-TPS82140 Datasheet
562Kb / 26P
17-V Input 2-A Step-Down Converter MicroSiP Module with Integrated Inductor
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
LOW POWER STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com