Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 7 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 7 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 214 page
background image
FEDL7204-003-02
ML7204-003
7/214
Pin
QFP64
Symbol
I/O
When
PDNB
= “0”
Description
52
GSX0
O
“Hi-z” AMP0 output (10 k
 driving)
53
GSX1
O
“Hi-z” AMP1 output (10 k
 driving)
54
AIN1N
I
I
AMP1 inverted input
55
AVREF
O
“L”
Analog signal ground (1.4 V)
56
VFRO0
O
“Hi-z” AMP2 output (10 k
 driving)
57
VFRO1
O
“Hi-z” AMP3 output (10 k
 driving)
58
AGND
—
—
Analog ground (0.0 V)
59
DGND2
—
—
Digital ground (0.0 V)
60
XI
I
I
12.288 MHz crystal interface, 12.288 MHz clock input
61
XO
O
“H”
12.288 MHz crystal interface
62
DVDD2
—
—
Digital power supply
63
VREGOUT
—
—
Internal regulator voltage output pin (approx. 2.5 V)
64
VBG
—
—
Internal regulator reference voltage output pin
* Explanation of symbols used in the PDNB = “0” column
The symbols denote the following pin conditions when PDNB = “0”:
“I”
: Input a High or Low level signal to the pin.
“0”
: Input a Low level signal to the pin
“H”
: A High level signal is output from the pin.
“L”
: A Low level signal is output from the pin.
“Hi-Z”
: The pin goes into a Hi-Z state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com