Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 12 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 12 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 214 page
background image
FEDL7204-003-02
ML7204-003
12/214
AC Characteristics (Gain Setting) in Speech CODEC = G.711 (
-law) mode
(AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Transmit/receive gain
setting accuracy
GAC
For all gain set values
–1.0
—
1.0
dB
AC Characteristics (Tone Output) in Speech CODEC = G.711 (
-law) Mode
(AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Frequency deviation
fDFT
For all frequency set values
–1.5
—
1.5
%
Output level
oLEV
For all gain set values
–2.0
—
2.0
dB
AC characteristics (DTMF Detector and Other Detectors) in Speech CODEC = G.711 (
-law) Mode
(AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Detection level accuracy
dLAC
For all detection level set values
–2.5
—
2.5
dB
AC characteristics (Echo Canceler)
(AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2
= 0.0 V, Ta = –20 to 60
C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Echo attenuation
eRES
—
—
35
—
dB
Erasable echo delay time
tECT
—
—
—
32
ms
Measuring method
Sin
Sout
Delay
White noise generator
Rout
Rin
ATT
E.R.L
(echo return loss)
Echo delay time
Echo Canceler
LPF
5kHz
Level Meter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com