| Electronic Components Datasheet Search |
|
ML7204-003 Datasheet(PDF) 49 Page - LAPIS Semiconductor Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ML7204-003 Datasheet(HTML) 49 Page - LAPIS Semiconductor Co., Ltd. |
|
49 / 214 page ![]() FEDL7204-003-02 ML7204-003 49/214 When 2-channel voice data transmission/reception is specified, Speech CODEC performs the following operation. The receive side decodes the received data of CH1 and CH2 that has been written from MCU and adds the data to the Speech CODEC output. The transmit side encodes the following two types of voice data and requests the reading of the data to the MCU for CH1 and CH2 individually. Encoder input signal (CH1) = (Transmit data AIN_x input to Speech CODEC) + (CH2 receive data Rx_CH2) Encoder input signal (CH2) = (Transmit data AIN_x input to Speech CODEC)+ (CH1 receive data Rx_CH1) This function enables 3-way communication between the NW side (2 parties) and the terminal side (1 party). Figure 31 shows the transmit/receive data flow in Speech CODEC under the three-way communication that is performed between the terminal (A), which is connected to the analog interface of this LSI, and the terminal (B) and another terminal (C) on the NW side. Figures 32 to 35 show the transmit/receive buffer control methods at 2-channel processing. Figure 31 Transmit/Receive Data Flow at 2-Channel Operation (Note) When G.729.A is selected as the Speech CODEC coding format, the setting of DC_EN = 1 is inhibited. When the G.711 PLC function is enabled, the setting of DC_EN = 1 is inhibited. Terminal A Terminal B Terminal C Speech Codec TX Buffer0 RX Buffer0 Bus Control Unit RXGAIN _CH1 G.729.A G.711 Encoder CH1 CH2 G.711 G.729.A Decoder RXGAIN _CH2 DC_EN DC_EN RX1TX2_ GAIN RX2TX1_ GAIN B C A A+C (to B) A+B (to C) B+C (to A) Inhibited TXGAIN _CH1 TXGAIN _CH2 TX Buffer1 RX Buffer1 CH2 CH1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |