Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 214 page
background image
FEDL7204-003-02
ML7204-003
6/214
Pin
QFP64
Symbol
I/O
When
PDNB
= “0”
Description
25
D8
I/O
I
Data input-output. Fix the input to “L” or “H” when using
the pin in 8-bit bus access (BW_SEL = ”1”).
26
D9
I/O
I
Data input-output. Fix the input “L” or “H” when using the
pin in 8-bit bus access (BW_SEL = ”1”).
27
D10
I/O
I
Data input-output. Fix the input “L” or “H” when using the
pin in 8-bit bus access (BW_SEL = ”1”).
28
D11
I/O
I
Data input-output. Fix the input “L” or “H” when using the
pin in 8-bit bus access (BW_SEL = ”1”).
29
D12
I/O
I
Data input-output. Fix the input “L” or “H” when using the
pin in 8-bit bus access (BW_SEL = ”1”).
30
D13
I/O
I
Data input-output. Fix the input “L” or “H” when using the
pin in 8-bit bus access (BW_SEL = ”1”).
31
D14
I/O
I
Data input-output. Fix the input “L” or “H” when using the
pin in 8-bit bus access (BW_SEL = ”1”).
32
D15
I/O
I
Data input-output. Fix the input “L” or “H” when using the
pin in 8-bit bus access (BW_SEL = ”1”).
33
DVDD1
—
—
Digital power supply
34
A0
I
I
Address input
35
A1
I
I
Address input
36
A2
I
I
Address input
37
A3
I
I
Address input
38
A4
I
I
Address input
39
A5
I
I
Address input
40
A6
I
I
Address input
41
A7
I
I
Address input
42
PDNB
I
“0”
Power-down input
“0”: Power-down reset
”1”: Normal operation
43
CLKSEL
I
I
SYNC/BCLK input-output control input
“0”: SYNC/BCLK are configured to be input
“1”: SYNC/BCLK are configured to be output
44
DGND1
—
—
Digital ground (0.0 V)
45
GPIOA[0]/DPI
I/O
I
General-purpose I/O port A[0] [5 V tolerant pin]
Secondary function: Input pin for dial pulse detection
46
GPIOA[1]
I/O
I
General-purpose I/O port A[1] [5 V tolerant pin]
47
GPIOA[2]/DPO
I/O
I
General-purpose I/O port A[2] [5 V tolerant pin]
Secondary function: Output pin for dial pulse transmission
48
GPIOA[3]
I/O
I
General-purpose I/O port A[3] [5 V tolerant pin]
49
AVDD
—
—
Analog power supply
50
AIN0P
I
I
AMP0 non-inverting input
51
AIN0N
I
I
AMP0 inverted input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com