Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 83 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 83 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 79Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 80Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 81Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 82Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 83Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 84Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 85Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 86Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 87Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 214 page
background image
FEDL7204-003-02
ML7204-003
83/214
(4) CR3
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR3
TGEN1
_RXAB
TGEN1
_TX
TGEN1
_CNT5
TGEN1
_CNT4
TGEN1
_CNT3
TGEN1
_CNT2
TGEN1
_CNT1
TGEN1
_CNT0
Change enable
mode
I/E
Initial value
0
0
0
0
0
0
0
0
R/W
B7: TGEN1 Output control register on the RXAB side
0: Stops output
1: Outputs tone to the RXGENA/RXGENB side
(Note)
Connection/non-connection control is enabled for output paths to RXGENA and RXGENB using the
RXGENA_EN connection path control register (RXGENA_EN) and the RXGENB_EN connection path
control register (RXGENB_EN). Non-connection is set as the initial value.
B6: TGEN1 Output control register on the TX side
0: Stops output
1: Outputs tone to the TXGEN side
See the various generator paths in the block diagram that is shown earlier in this document for RXGENA,
RXGENB, and TXGEN.
B5: Addition and multiplication control register for TONE C/D
0: Addition (Adds output of TONE C and TONE D)
1: Multiplication (Multiplies output of TONE C and TONE D)
B4: Output control register of TONE C/D
0: Single output
Stops by outputting the signal for the time period created by adding TIM_M0 and TIM_M1.
After stopping, this register is automatically cleared within the LSI.
1: Continuous output
Outputs repeatedly the signal that is controlled by the time created by adding TIM_M0 and TIM_M1.
Set 00h to this register when stopping signal output.
(Note)
Do not set any value other than 00h since only 00h is permitted as the value that is written to this register
from continuous output.
At single output, make the next setting after checking that this register is set to 00h.
When outputting signals again after termination of continuous output, wait for a period of “FADE OUT
time + 250
s” or more before starting output.
B3-B2: Output control registers of TONE C
00: Tone is not output.
01: Stops output to the M0 section and outputs tone to the M1 section.
10: Outputs tone to the M0 section and stops output to the M1 section.
11: Outputs tone to the M0 and M1 sections.
B1-B0: Output control registers of TONE D
00: Tone is not output.
01: Stops output to the M0 section and outputs tone to the M1 section.
10: Outputs tone to the M0 section and stops output to the M1 section.
11: Outputs tone to the M0 and M1 sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com