Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 95 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 95 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 91Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 92Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 93Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 94Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 95Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 96Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 97Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 98Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 99Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 214 page
background image
FEDL7204-003-02
ML7204-003
95/214
(14) CR13
B7
B6
B5
B4
B3
B2
B1
B0
R/W
CR13
FD_
SEL
BW_
SEL
TXSC
_SEL1
TXSC
_SEL0
TXBUF
_TIM
RXSC
_SEL1
RXSC
_SEL0
RXBUF
_TIM
Change enable
mode
I/
I/
I/E
I/E
I/
I/E
I/E
I/
Initial value
0
0
0
0
0
0
0
0
R/W
B7: FRAME/DMA selection register
0: FRAME access
1: DMA slave interface access
Select a transmit buffer or a receive buffer access method. Frame access is set as the initial value.
B6: MCU interface data width selection register
0: 16-bit data width interface
1: 8-bit data width interface
Select a data path width to a transmit buffer or a receive buffer. The initial value is 16 bits.
When selecting a 8-bit data width, fix D15 to D18 to “1” or “0”.
B5-B4: Speech CODEC selection register on the transmit side
( 0 , 0 ): G.729.A
( 0 , 1 ): G.711 (
-law)
( 1 , 0 ): Inhibited
( 1 , 1 ): G.711 (A-law)
B3: Transmit buffering time selection register
0: 10 ms
1: 20 ms
Select a buffering time of a transmit buffer. The initial value is 10 ms.
B2-B1: Speech CODEC selection register on the receive side
( 0 , 0 ): G.729.A
( 0 , 1 ): G.711 (
-law)
( 1 , 0 ): Inhibited
( 1 , 1 ): G.711 (A-law)
(Note) When G.711 (A-law) is selected by setting the PCM I/F coding format selection control register
(PCM_SEL[1:0]) to (1,1), decrease your target gain setting of a very next gain control following
G.711 decoder such as RXGAIN_ITS1 by 18.6dB, and increase your target gain setting of the
following gain control such as RXGAIN_PCM0 by 18.6dB.
Examples in a case where the PCM input time slot 1 enable control register (PCMI1_EN)=”1”
and the VFRO0-pin is assigned as an LSI output pin for PCMI-pin input signals are shown in a
table below.
When a tone detector (TONE_DET0 and/or TONE_DET1) located between the concerned two
gain controls is enabled, adjust the detection level accordingly.
Gain Control
Your Target (example)
Recommendation
Remarks
RXGAIN_ITS1
0008h (0dB)
000Fh (-18.6dB)
RXGAIN_PCM0
0039h (-7.03dB)
01E6h (+11.60dB)
001Ah (-13.8dB)
00DEh (+4.78dB)
000Bh (-21.3dB)
005Eh (-2.69dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com