Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 46 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 46 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 42Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 43Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 214 page
background image
FEDL7204-003-02
ML7204-003
46/214
B-3. G.711 (
-law and A-law)  G.729.A switching control (10 ms frame mode)
Figure 28 Speech CODEC Coding Format Switching Control Method on the
Receive Side G.711
G.729.A<10 ms frame mode>
 G.711 operation (before switching)
Operates according to the contents described in Operation and Error processing in Figure 20 G.711
(
-law and A-law) receive buffer control method at single-channel operation (10 ms/frame mode).
 Switching processing
Switch the Speech CODEC coding format from G.711 to G.729A within the valid MCU write period
according to the setting in the Speech CODEC selection register on the receive side (RX_SCSEL[1:0]).
When receive data is written from the MCU in the frame from which the switching of the Speech CODEC
coding format has been detected, the LSI internal section performs decoding processing in the next frame.
When receive data is not written from the MCU, data is generated according to the PLC algorithm and then
output (silent output when the PLC function is disabled) in the next frame; however, a receive error
(RXERR_CH = “1”) does not occur.
If a receive error occurred before this frame, that receive error is cleared to “0” at termination of this frame.
To avoid a sudden transition from a voice state to a silent state, the function that gradually attenuates the
decoding output (fade-out function) operates.
(Note)
If the coding format is switched outside of the valid MCU write period, the G.729.A
 G.711 switching
processing may be delayed by one frame. Therefore, check whether the receive request is for the receive
data encoded in the G.729.A or encoded in the G.711 by referencing the receive Speech CODEC operation
mode notification flag (RX_SCFLAG) when requesting reception due to the fall of FR1B.
 G.729.A operation (after switching)
Operates according to the operation that is effective on and after the second receive request that is described in
Operation and Error processing in Figure 18 G.729.A receive buffer control method at single-channel
operation (10 ms/ frame mode).
To avoid a sudden transition from a silent state to a voice state, the function that gradually amplifies the
decoding output of the receive data that was initially written from MCU (fade-in function) operates.
FR1B
(Pin output)
MCU write
Valid write section
Speech
CODEC
10 ms
WE_SC7
WE_SC8
 G.711 operation (before switching)
 Switching processing
 G.729.A operation (after switching)
FR1
INTB
(Pin output)
R5(G.711)
R6(G.711)
R7(G.711)
R8(G.711 or silent)
Fade-out function valid period (*1)
R5(G.711)
R6(G.711)
R7(G.711)
R8(G.711 or PLC)
Fade-out function valid period (*1)
DEC
OUT
PLC_EN=1
PLC_EN=0
MCU write
Valid write section
FR1B
(Pin output)
10 msec
Speech
CODEC
DEC
OUT
WE_SC10
WE_SC11
WE_SC12
WE_SC13
WE_SC14
R10(G.729.A)
R11(G.729.A)
R12(G.729.A)
Silent
Fade-in function valid period(*1)
Approx. 20 ms
(*1) Fade-in/fade-out function valid period: Approx. 15 ms
FR1
INTB
(Pin output)
Silent
G.711
G.729.A
Receive SC coding
format setting
RX_SCSEL[1:
G.711
G.729.A
Receive SC
operation mode
notification
RX_SCFLA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com