Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 48 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 48 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 44Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 45Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 46Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 47Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 48Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 49Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 50Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 51Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 52Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 214 page
background image
FEDL7204-003-02
ML7204-003
48/214
Transmit/receive buffer control at 2-channel operation
When G.711 (
-law/A-law) is selected as the Speech CODEC coding format for both transmission and reception
operations, the mode for the following operations can be switched through the settings in SC_ EN (Speech
CODEC control register) and DC_EN (2-channel operation control register).
Transmission and reception of voice data of a single channel
(SC_EN = 1, DC_EN = 0)
Transmission and reception of 2-channel voice data
(SC_EN = 1, DC_EN = 1)
The G.711 PLC function can be enabled or disabled by setting the option in the G.711 PLC function enable
control register (G711_PLCEN). However, G711_PLCEN must be set to “0” (disabled) before activating
2-channel operation.
Figure 30 shows the transition of Speech CODEC operation modes when G.711 (
-law/A-law) is selected as the
Speech CODEC coding format for both transmission and reception operations.
Figure 30 Transition of Speech CODEC Operation Modes (G.711
-law/A-law)
See Figures 16, 17, 20, and 21 for details of the transmit/receive buffer control method in single-channel
operation.
See below for the details of the transmit/receive control method in 2-channel operation in Speech CODEC.
Stop
SC_EN=0, DC_EN=0
Single-channel
operation
G.711 PLC disabled
SC_EN=1, DC_EN=0
G711_PLCEN=0
2-channel
operation
G.711 PLC disabled
SC_EN=1, DC_EN=1
G711_PLCEN=0
DC_EN=1
DC_EN=0
SC_EN=1
DC_EN=1
SC_EN=0
DC_EN=0
SC_EN=1, G711_PLCEN=1
SC_EN=0
SC_EN=1
SC_EN=0, G711_PLCEN=0
SC_EN=1,DC_EN=0,
G711_PLCEN=1
Single-channel
operation
G.711 PLC enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com