Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 71 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 71 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML7204-003 Datasheet HTML 67Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 68Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 69Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 70Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 71Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 72Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 73Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 74Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 75Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 214 page
background image
FEDL7204-003-02
ML7204-003
71/214
B. Time slot assignment function
The PCM interface of this LSI is compatible with the serial transmission rate from 64 kHz to 2.048 MHz.
Therefore, by connecting multiple LSIs on the PCM interface, it is possible to logically achieve PCM data
multiplexing of up to 32 slots at G.711(
-law/A-law) setting and up to 16 slots at 16-bit linear setting.
This LSI can be set up to 3 input time slots independently by using the following registers:
PCM input time slot selection register 1 (PCM_ITS1[4:0])
PCM input time slot selection register 2 (PCM_ITS2[4:0])
PCM input time slot selection register 3 (PCM_ITS3[4:0])
Also, 2 output time slots can be set independently by using the following registers:
PCM output time slot selection register 1(PCM_OTS1[4:0])
PCM output time slot selection register 2(PCM_OTS2[4:0])
Note that the following rules are applied for the setting of time slots.
(Note)
The number of bits of one time slot changes automatically according to the setting of the PCM coding format
(PCM_SELL [1:0])as follows.
16-bit linear setting: 16 bits
G.711 (
-law/A-law) setting: 8 bits
Therefore, the maximum number of time slots that can be set will be as follows:
16-bit linear setting: n/2
G.711 (
-law/A-law) setting: n
[n = (BCLK frequency)
 64 kHz]
Setting a time slot number greater than the largest time slot number indicated above is inhibited.
C. Application example
By connecting multiple LSIs on the PCM interface, two-way communication or three-way communication is
enabled.
C-1. Two-way communication
Figure 42 shows an application example of two-way communication by transmitting/receiving PCM data
between two ML7204 devices connected on the PCM interface.
Figure 42 Example of Connection for Two-Way Communication via PCM I/F
SYNC
BCLK
PCMI
PCMO
A-TEL1
ML7204
#1
SYNC
BCLK
PCMI
PCMO
A-TEL2
ML7204
#2
CLKOUT
XI
CLKSEL
CLKSEL
+3.3V
XI
XO
Crystal unit
<Time slot setting example>
 Output time slot selection register 1 (PCM_OTS1[4:0])
ML7204 #1: 00000b (output time slot “1”)
ML7204 #2: 00001b (output time slot “2”)
 Input time slot selection register 1 (PCM_ITS1[4:0])
ML7204 #1: 00001b (input time slot “2”)
ML7204 #2: 00000b (input time slot “1”)
Two-way communication can be achieved between A-TEL1 and A-TEL2 by
setting both the PCM output time slot 1 enable control register (PCM01_EN)
and the PCM input time slot 1 enable control register (PCMI1_EN) to “1” while
setting the time slots as shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com