Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7204-003 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7204-003
Description  VoIP CODEC
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7204-003 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML7204-003 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7204-003 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 214 page
background image
FEDL7204-003-02
Issue Date: Oct 14, 2011
ML7204-003
VoIP CODEC
1/214
GENERAL DESCRIPTION
The ML7204-003 is a speech CODEC for VoIP.
As a speech CODEC, this LSI allows selection of
G.729.A/G711 and supports the PLC (Packet Loss Concealment) function.
With an echo canceler that handles 32 ms-delay and FSK detection/generation, DTMF detection/generation, and
tone detection/generation functions, the ML7204-003 is the most suitable LSI for adding the VoIP function to
TAs and routers.
FEATURES
 Power supply voltage
Digital power supply voltage (DVDD0, 1, 2):
3.0 to 3.6 V
Analog power supply voltage (AVDD):
3.0 to 3.6 V
 Speech CODEC:
G.729.A (8 kbps)/G.711 (64 kbps)
-law and A-law (supports individual setting for transmission and
reception)
Supports ITU-T G.711 Appendix 1 compliant PLC (Packet Loss Concealment) function
Supports the 2-channel processing function (for 3-way communication)
 Built-in FIFO buffer (640 bytes) for transmission/reception data transfer
Allows selection of Frame/DMA (slave) interface
 Provided with echo canceler for handling 32 ms delay and Range Controllers
 DTMF detection
 DTMF generation (the tone generation function enables generation of DTMF signals)
 Tone detection:
2 types (1650 Hz and 2100 Hz: Detection frequency can be changed)
 Tone generation:
2 types
 FSK detection
 FSK generation
 Built-in 16-bit timer:
1 channel
 Dial pulse detection function (secondary function of general-purpose I/O ports)
 Dial pulse transmission function (secondary function of general-purpose I/O ports)
 General-purpose I/O ports : Equipped with 7 ports (with some of them having secondary function allocation)
 Two types of built-in linear PCM CODEC (CODEC_A and CODEC_B)
 Analog interface
CODEC_A side: Incorporates one type each of input amplifier and output amplifier (10 k
 driving)
CODEC_B side: Incorporates one type each of input amplifier and output amplifier (10 k
 driving)
 PCM interface coding format:
Allows selection of 16-bit linear/G.711 (64 kbps)
-law or A-law
 PCM serial transmission rate: 64 kHz to 2.048 MHz (fixed to 2.048 MHz for output)
 PCM time slot assignment function (allows up to 2 slots for input and 1 slot for output individually)
When set to
-law/A-law: Supports up to 32 slots (BCLK: 2.048 MHz)
When set to 16-bit linear: Supports up to 16 slots (BCLK: 2.048 MHz)


Similar Part No. - ML7204-003

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7204-001 OKI-ML7204-001 Datasheet
792Kb / 42P
The ML7204-001 is a speech CODEC for VoIP.
More results

Similar Description - ML7204-003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
DUAL VOIP CODEC
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
OKI electronic componet...
ML7204-001 OKI-ML7204-001 Datasheet
792Kb / 42P
The ML7204-001 is a speech CODEC for VoIP.
ML7074-001 OKI-ML7074-001 Datasheet
328Kb / 31P
VoIP CODEC
ML7074-003 OKI-ML7074-003 Datasheet
328Kb / 31P
VoIP CODEC
ML7074-004 OKI-ML7074-004 Datasheet
304Kb / 29P
VoIP CODEC
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22_06 Datasheet
769Kb / 55P
DUAL VOIP CODEC
logo
Level One
VOI-7000 LVL1-VOI-7000 Datasheet
222Kb / 3P
SIP VoIP Phone
logo
LAPIS Semiconductor Co....
ML7074-003 LAPIS-ML7074-003 Datasheet
660Kb / 93P
VoIP CODEC
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
VoIP CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com