Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 16 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 12Page - SMSC Corporation CAM35C44 Datasheet HTML 13Page - SMSC Corporation CAM35C44 Datasheet HTML 14Page - SMSC Corporation CAM35C44 Datasheet HTML 15Page - SMSC Corporation CAM35C44 Datasheet HTML 16Page - SMSC Corporation CAM35C44 Datasheet HTML 17Page - SMSC Corporation CAM35C44 Datasheet HTML 18Page - SMSC Corporation CAM35C44 Datasheet HTML 19Page - SMSC Corporation CAM35C44 Datasheet HTML 20Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
16
REGISTER ADDRESS MAP
Register addressing in the CAM35C44 is fixed
and requires a 32-byte memory block. Typically,
register addressing is accomplished with a 5 bit
address bus and a 1 bit chip select.
TABLE 9 describes the mapping for the four
register
banks
in
the
CAM35C44
address
space, CONFIGURATION, GPIO, ACE and
SCE, that are required for device configuration
and run-time control.
The external address pins that are responsible
for register addressing will depend on the Host
Interface Select bits (see section MULTIHOST
CPU INTERFACE on page 13).
TABLE 9 - CAM35C44 REGISTER MAP
8-BYTE
ADDRESS
BANK
BANK
SELECT
BITS
ADDRESS RANGE
SA[4:0]
1
REGISTER BANK DECODING
SA4
SA3
0
0
0
0x00 - 0x07
CONFIGURATION
1
0
1
0x08 - 0x0F
GPIO
2
1
0
0x10 - 0x17
ACE
3
1
1
0x18 - 0x1F
SCE
Note
1
Address Enable (AEN) must be low to access the CAM35C44 registers regardless of the state
of the Host Interface Select bits.
Non-Multiplexed (ISA) Addressing
As shown in TABLE 9 five address bits SA[4:0]
and a chip select nCS are required to access the
CAM35C44 run-time and configuration registers.
In ISA mode, five bits of the ISA System Address
bus
SA[4:0]
determine
the
register
address,
while
nCS
decodes
the
32-byte
address block.
Note: address block decoding
must be done externally.
The Block Select bits BS[2:0] and two of the
general purpose I/Os GPIO[4:3] are unavailable
in ISA mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com