Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 19 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 19 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 15Page - SMSC Corporation CAM35C44 Datasheet HTML 16Page - SMSC Corporation CAM35C44 Datasheet HTML 17Page - SMSC Corporation CAM35C44 Datasheet HTML 18Page - SMSC Corporation CAM35C44 Datasheet HTML 19Page - SMSC Corporation CAM35C44 Datasheet HTML 20Page - SMSC Corporation CAM35C44 Datasheet HTML 21Page - SMSC Corporation CAM35C44 Datasheet HTML 22Page - SMSC Corporation CAM35C44 Datasheet HTML 23Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
19
Configuration State
Logical devices in the CAM35C44 can operate in
the run state and/or the configuration state. After
power up the CAM35C44 is in the run state, by
default.
To program the configuration registers the
configuration state must be explicitly enabled.
Entering the Configuration State
To enter the configuration state, a configuration
access key must be written to the config port.
The configuration access key is one byte of 55H
data.
Once the configuration access key has been
written to the config port, the CAM35C44
automatically activates the configuration access
ports and enters the configuration state.
Configuration Select Register
The Configuration Select Register (CSR) is
located at the index port address and must be
initialized with the configuration register index
before the register can be accessed using the
data port.
The CSR can only be accessed when the
CAM35C44 is in the configuration state.
Configuration Register Programming
The
CAM35C44
contains
ten
configuration
registers CR00-CR09.
After the CAM35C44
enters the configuration state, the configuration
registers are programmed by first writing the
register
index
number
(00
-
09)
to
the
configuration select register (CSR) and then
writing or reading the configuration register
contents through the data port.
Configuration register access remains enabled
until the configuration state is explicitly exited.
Exiting the Configuration State
To exit the configuration state one byte of AAH
data must be written to the config port.
Once AAH has been written to the config port,
the CAM35C44 automatically deactivates the
configuration access ports and enters the run
state.
In the run state, configuration register
access cannot occur until the configuration state
is explicitly re-enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com