Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAM35C44 Datasheet(PDF) 29 Page - SMSC Corporation

Part # CAM35C44
Description  Infrared Communications Controller Chip CameraFR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAM35C44 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button CAM35C44 Datasheet HTML 25Page - SMSC Corporation CAM35C44 Datasheet HTML 26Page - SMSC Corporation CAM35C44 Datasheet HTML 27Page - SMSC Corporation CAM35C44 Datasheet HTML 28Page - SMSC Corporation CAM35C44 Datasheet HTML 29Page - SMSC Corporation CAM35C44 Datasheet HTML 30Page - SMSC Corporation CAM35C44 Datasheet HTML 31Page - SMSC Corporation CAM35C44 Datasheet HTML 32Page - SMSC Corporation CAM35C44 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
29
TABLE 25 - EXAMPLE POWER CONSUMPTION VS. POWER CONTROL ENABLES
CR08[3:0]
POWER
CONSUMPTION
CLOCK
ACE
SCE
(ICC)
GENERATO
R
BLOCK
1
PLL
BLOCK
2
D3
D2
D1
D0
TYP
MAX
0
0
0
0
1
#A4
2
#A5
(Note
3)
2.5
#A4
5
#A5
(Note
3)
OFF
OFF
OFF
OFF
0
0
0
1
500
#A
1mA
RUNNING
OFF
OFF
OFF
0
0
1
1
1mA
2mA
RUNNING
ON
OFF
OFF
0
1
1
1
1.6mA
3mA
RUNNING
ON
RUNNING
OFF
1
1
1
1
6mA
8mA
RUNNING
ON
RUNNING
ON
Note
1:
The 24MHz crystal oscillator directly driving the ACE block enables data transfers up to
115.2Kbps.
Note
2:
The PLL driving the SCE block enables data transfers up to 4Mbps.
Note
3:
PWRGD does not stop the crystal from oscillating if OSC_ON, D0 in configuration register
CR08, is “1”.
Note
4:
PWRGD is “0”.
Note
5:
PWRGD is “1”.
CR09 - Test Control B
The IR_TEST[14:7] bits D0 - D7 in the Test
Control B register enable SMSC internal test
modes. CR09 can only be accessed in the
configuration state and only after the CSR has
been initialized to 09H. The default value of this
register after power up is 00H (TABLE 26). The
IR_TEST[14:7]
bits
are
“0”
(default)
for
normal
operation.
When
any
of
the
IR_TEST[14:7] bits are “1”, an SMSC internal
test mode is activated. Note: SMSC internal test
modes are reserved for SMSC use, only.
Activating
SMSC
internal
test
modes
may
produce undesired results.
TABLE 26 - TEST CONTROL B REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
CR09
R/W
IR_TEST[14:7]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com